Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3027IDSWS8 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSWS8 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM3027IDSWS8 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
4
www.emmicroelectronic.com
2
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum voltage at VCC
VCCmax
VSS + 6.0V
Minimum voltage at VCC
VCCmin
VSS – 0.3V
Maximum voltage at any
signal pin
Vmax
VCC + 0.3V
Minimum voltage at any signal
pin
Vmin
VSS – 0.3V
Maximum storage
temperature
TSTOmax
+150°C
Minimum storage temperature
TSTOmin
-65°C
Electrostatic discharge
maximum to MIL-STD-883C
method 3015.7 with ref. to VSS
VSmax
2000V
Table 3
Stresses above these listed maximum ratings may cause
permanent damages to the device.
Exposure beyond specified operating conditions may
affect device reliability or cause malfunction.
2.1
Handling Procedures
This device has built-in protection against high static
voltages
or
electric
fields;
however,
anti-static
precautions must be taken as for any other CMOS
component. Unless otherwise specified, proper operation
can only occur when all terminal voltages are kept within
the voltage range. Unused inputs must always be tied to
a defined logic voltage level.
2.2
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Operating Temp.
TA
-40
+125
°C
Supply voltage
(Note 1)
VCC,
VBack
1.4
5.0
5.5
V
Capacitor at VCC,
VBack
CD
100
nF
Table 4
Note 1: Refer to paragraphs 9.1 and 9.2
2.3
Crystal characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Frequency
f
32.768
kHz
Load capacitance
CL
7
8.2
12.5
pF
Series resistance
RS
70
110
k
Table 5
Crystal Reference : Micro Crystal CC5V-T1A
web: www.microcrystal.com
2.4
EEPROM Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Read voltage
VRead
1.4
V
Programming
Voltage
VProg
2.2
V
EEPROM
Programming Time
TProg
30
ms
Write/Erase
Cycling
5000
cycles
Table 6
3
Electrical Characteristics
Parameter
Symbo
l
Test Conditions
VCC
Temp. °C
Min
Typ
Max
Uni
t
Total supply current with
Crystal
ICC
All outputs open, Rs < 70
kΩ, VBack = 0V
I2C: SDA, SCL at VCC,
Clk/Int=’0’
SPI: All inputs at VSS
1.4
-40 to 125
0.6
4.6
µA
3.3
-40 to 125
0.8
5.2
5.0
-40 to 125
0.9
5.5
Total supply current with
Crystal
IBack
All outputs open, Rs < 70
kΩ, VCC = 0V, VBack = 3.3V
I2C: SDA, SCL at VBack,
Clk/Int=’0’
SPI: All inputs at VSS
0
-40 to 125
0.8
5.2
µA
Dynamic current
I2C
IDD
SCL = 100kHz
(See Note 1)
1.4
-40 to 125
15
µA
SCL = 400kHz
(See Note 1)
3.3
-40 to 125
40
SCL = 400kHz
(See note 1)
5.0
-40 to 125
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com