Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3027IDSWS8 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSWS8 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSWS8 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
6
www.emmicroelectronic.com
4
EM3027 Block Diagram and Application Schematic
4.1
Block Diagram
4.2
Application Schematic
Crystal Layout Example
VCC
Lithium
Battery
or
Super
Cap
VCC Supply
Protection
Resistor *
X1
* optional for Lithium batteries (<1k
)
X2
Crystal
EM3027
CLKOUT
INT
CLKOE
VCC
VBack
µController
CS,
SCL/SCK
SDA/SO
SI
Serial
Interface
VSS
VSS
for application use
CD
CD
Figure1: Application Schematic
Voltage
Monitoring
Voltage
Regulator
Xtal
Oscillator
Prescaler
RTC
RAM
EEPROM
Control
I2C
SPI
Inputs
Stages
Output
Buffers
Thermometer
VBack
Vcc
Vss
X1
X2
SCL/SCK
SI
CS
SDA/SO
CLKOE
INT
CLKOUT
VREG
SDA/SO
32.768 kHz
Switchover
VHigh
X1
X2
VSS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com