Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3027IDSWS8 Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSWS8 Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSWS8 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 20Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
16
www.emmicroelectronic.com
8.4
Timer function
The 16-bit count down timer can be enabled/disabled by TiOn bit.
The timer input frequency is selected by TD1, TD0 bits according to the following table:
TD1
TD0
Timer frequency
0
0
32 Hz
0
1
8 Hz
1
0
1 Hz
1
1
0.5 Hz
Table 10: Timer Frequency Selection
The timer can run in Zero-Stop or Auto-Reload mode (TROn bit
: ‘0’ = Zero-Stop mode, ‘1’ = Auto-Reload mode).
When TROn = ‘0’, then it is possible to read current value of the timer. If TROn = ‘1’, then last written value is read from
cache memory. The value in the cache memory is used as the new value for reloading (Auto-Reload mode).
Frequency selection (TD1, TD0) and mode selection (TROn) can be written
only when the timer is stopped (TiOn = ‘0’).
Timer values (TimLow, TimHigh) can be written only when the timer is stopped (
TiOn = ’0’ and TROn = ‘0’).
NOTE:
The “Timer Page” can also be used as a general purpose register when the timer function is not used.
8.5
Temperature measurement
The integrated thermometer has a resolution of 1°C.
The thermomet
er is disabled when ThEn = ’0’ and enabled when ThEn = ’1’. By default, the thermometer is enabled.
Thermometer period is selectable by ThPer bit according to the table below:
ThPer
Period in Seconds
0
1 s
1
16 s
Table 11: Thermometer Period
The thermometer is automatically disabled when VLOW1 stat
us bit is at ‘1’.
When the thermometer is disabled (ThEn = ’0’), the Temp register can be written. Temp register uses a cache memory to
keep stable value during a whole transaction (read/write).
8.6
Frequency compensation
There is a frequency compensation unit (FCU) inside EM3027. FCU compensates quartz crystal native frequency in
dependency on actual compensation value (COMP_val).
FCU is always running.
During chip power-up, i
f ThEn = ’1’ and VLOW1 = ‘0’ temperature measurement is enabled and COMP_val is computed.
Otherwise, COMP_val is set to 0 ppm.
In Normal mode, new compensation value is computed each 32 seconds. The onl
y exception is when ThEn = ‘1’ and
VLOW1 = ‘1’. In this case, temperature measurement and COMP_val computation are blocked and FCU uses the last
computed compensation value.
For the evaluation of COMP_val, actual content of Temp register (0x20) is used. The compensation value is computed
according to the equation described in paragraph 4.3.
Content of Temp register is updated either after a temperature measurement (when ThEn = '1' and VLOW1 = '0') or after
Temp register write transaction (when ThEn = '0'). After power-up content of Temp register is undefined.
If thermometer is disabled (ThEn = '0') user is advised to periodically update Temp register with actual ambient temperature
in order to have correct input data for COMP_val computation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com