Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3027IDSWS8 Datasheet(PDF) 18 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSWS8 Datasheet(HTML) 18 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSWS8 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 22Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
18
www.emmicroelectronic.com
8.7.2
Clock Output
Output clock frequency is selected by FD1, FD0 bits in EEctrl register.
FD1
FD0
Select Clock Output
Description
0
0
32.768 kHz
From crystal oscillator, without
frequency compensation
0
1
1024 Hz
With frequency compensation
1
0
32 Hz
1
1
1 Hz
Table 12: Output Clock frequency selection
8.7.3
Configuration Registers
All the configuration data from EEPROM (i.e. EEctrl, XTalOffset, Qcoef, TurnOver, EEData) is hold in configuration
registers.
Data from EEPROM is loaded to these registers during power-up sequence and is refr
eshed each hour, if ‘Configuration
Registers refresh’ feature is enabled (EERefOn = ‘1’).
Regular refresh of Configuration Registers prevents their content to be corrupted by strongly polluted electrical environment
(EMC problems, disturbed power supply, etc.).
It is recommended to enable ‘Configuration Registers refresh’ feature.
8.7.4
EEPROM User Memory
Two bytes of the memory are dedicated for the application (addresses 0x28 and 0x29).
8.8
RAM User Memory
RAM user memory size is 8 bytes (addresses 0x38 to 0x3F). The state of the RAM data after power-up is undefined.
8.9
Status Register
The purpose of EEBusy bit is to inform the user about current status of the EEPROM operations.
EEBusy
– status of EEPROM controller (if EEBusy = ‘1’, then Configuration Registers refresh or EEPROM write is in
progress)
The purpose of the following status bits is to record status of power supply voltage and Self-Recovery system/System reset
behaviour.
PON
– status of Power-ON
VLOW1
– status of Vlow1 voltage detection
VLOW2
– status of Vlow2 voltage detection
SR
– status of the Self-Recovery system/System reset
If one of these status bits is set, it can be cleared only by writing
‘0’, there is no automatic reset if the set condition
disappears.
8.10
Interrupts
There are five interrupt sources which can output an interrupt on (INT and/or IRQ/CLKOUT) pins. The request
is generated when at least one of IRQflags goes to ‘1’ (OR function).
AF
– interrupt is provided when Watch time reaches Alarm time settings and comparison is enabled
TF
– interrupt is provided when Timer reaches ZERO
V1F
– interrupt is provided when supply voltage is below Vlow1 (when VLOW1 status bit is set)
V2F
– interrupt is provided when supply voltage is below Vlow2 (when VLOW2 status bit is set)
SRF
– interrupt is provided when Self-Recovery system invoked internal reset (when SR status bit is set)
Each interrupt source has its own interrupt enable (AIntE, TIntE, V1IntE, V2IntE, SRIntE). When the interrupt
enable is ‘1’
then the appropriate interrupt source is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com