Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15AEPGE Datasheet(PDF) 25 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 25 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 21Page - Texas Instruments TNETX15AEPGE Datasheet HTML 22Page - Texas Instruments TNETX15AEPGE Datasheet HTML 23Page - Texas Instruments TNETX15AEPGE Datasheet HTML 24Page - Texas Instruments TNETX15AEPGE Datasheet HTML 25Page - Texas Instruments TNETX15AEPGE Datasheet HTML 26Page - Texas Instruments TNETX15AEPGE Datasheet HTML 27Page - Texas Instruments TNETX15AEPGE Datasheet HTML 28Page - Texas Instruments TNETX15AEPGE Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
statistics registers at 0x17–0x1D (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
Secvioctr
0x14
Unkmultictr
Unkunictr
0x18
Numnodes
0x1C
All registers in this field are read only and their default value after reset is 0. The 16-bit counters in this section
must be read by bytes. It is recommended that the bytes be read least-significant byte through most-significant
byte (last). An additional stimulus can cause a carry between these two reads.
security violation counter, secvioctr at 0x17 (DIO)
The secvioctr field contains the number of times that a secured address attempts to move ports. This register
generates a stat interrupt (statistics overflow interrupt) when it is one-half full (most-significant bit in the field is
a 1). Reading this register automatically clears it and the default value of this register is 0x00.
unknown unicasts counter, unkunictr at 0x18–0x19 (DIO)
The unkunictr register counts the number of times that the TNETX15AE device floods a frame that has a unicast
destination address. These frames are used when the TNETX15AE cannot find the destination address in its
lookup table. This register generates a stat interrupt (statistic overflow interrupt) when it is one-half full
(most-significant bit in the field is a 1). Reading the most-significant byte of this register automatically clears it
and the default value of this register is 0x0000.
unknown multicasts counter, unkmultictr at 0x1A–0x1B (DIO)
The unkmultictr register counts the number of times that the TNETX15AE device floods a frame that has a
multicast destination address. Multicast destination addresses are flooded when the TNETX15AE cannot find
the destination address in its lookup table. This register generates a stat interrupt (statistics overflow interrupt)
when it is one-half full (most-significant bit in the field is a 1). Reading the most-significant byte of this register
automatically clears it and the default value of this register is 0x0000.
lookup table node count, numnodes at 0x1C–0x1D (DIO)
The numnodes counter register contains the number of addresses currently in the lookup table. This register
is read only and its value at reset is 0x0000.
SRAM address register, RAMaddr at 0x20–0x22 (DIO)
The RAMaddr register is used with the RAMdata (at 0x24, 0x25) register to access the TNETX15AE
external SRAM.
BYTE 2
BYTE 1
BYTE 0
BIT
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INC
Reserved
RAM ADD
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
23
INC
Address auto-increment. When INC is 1, this increments the RAM ADD field to access the next location in the SRAM.
The address is incremented by one after every read or write is performed on the most-significant byte of the RAMdata
register.
22–21
Reserved
Writes to this location are ignored and read as 0.
20–0
RAM ADD
RAM address. This 21-bit field holds the address of the SRAM location, which is read or written. The data that is to
be read or written is placed in the RAMdata register. This interface is read/write at all times except during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com