| Electronic Components Datasheet Search |
|
TNETX15AEPGE Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15AEPGE Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 79 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 32 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 add routing code register, addport at 0x3E–0x3F (DIO) The addport register is used to set or change port and flag assignments for the node address contained in the addnode register. The definition for the addport register depends on whether the address stored in the addnode register is a unicast or multicast address. This interface is used by the host to enter broadcast, multicast, and unicast addresses to the TNETX15AE table. Wire ADDs operate on packet-source addresses, and all of these are forced to unicast addresses. If addnode is a unicast address, (addnode (40) = 0), addport is defined as follows: BYTE 3 BYTE 2 BIT 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved SECURE LOCKED CUPLNK PORTCODE Reserved Initial values after reset 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 BIT NAME FUNCTION 15 Reserved Writes are ignored and read as 0. 14 SECURE Secured address flag. SECURE is used to change the security level for the address contained in the addnode register. 13 LOCKED Locked address flag. LOCKED locks/unlocks the address contained in the addnode register on an add operation. Locked addresses output a discard code on the EAM interface. 12 CUPLINK Copy frames to uplink flag. CUPLINK sets the copy uplink status for the address contained in the addnode register. Addresses tagged by this bit add the port (specified in the uplinkports register) to the routing code. 11–8 PORTCODE Current port code for address. The value in PORTCODE becomes the port to which packets (sent to this address) are forwarded. In addresses that are added automatically to the table, the source port goes to this field. This field is writeable, and can be used to redirect traffic. 7–0 Reserved Writes to this location are ignored and read as 0. If addnode is a multicast address, (addnode (40) = 1), addport is defined as follows: BYTE 3 BYTE 2 BIT 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved PORTFLAG Initial values after reset 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 BIT NAME FUNCTION 15 Reserved Writes are ignored and read as 0. 14–0 PORTFLAG PORTFLAG for multicast. PORTFLAG is the port assignment for the multicast address contained in the addnode register. The bit values in this field correspond one-to-one with the TNETX3150/TNETX3150A/TNETX3100 port assignment. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |