Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15AEPGE Datasheet(PDF) 44 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 44 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 40Page - Texas Instruments TNETX15AEPGE Datasheet HTML 41Page - Texas Instruments TNETX15AEPGE Datasheet HTML 42Page - Texas Instruments TNETX15AEPGE Datasheet HTML 43Page - Texas Instruments TNETX15AEPGE Datasheet HTML 44Page - Texas Instruments TNETX15AEPGE Datasheet HTML 45Page - Texas Instruments TNETX15AEPGE Datasheet HTML 46Page - Texas Instruments TNETX15AEPGE Datasheet HTML 47Page - Texas Instruments TNETX15AEPGE Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
RAMsize and number of nodes supported
The address capability for the various RAM sizes is given in Table 6 (repeated from RAMsize register definition).
Table 6. Address Capability for RAM Sizes
RAMsize
REGISTER
RAM SIZE
WORST
CASE
BEST
CASE
0x00
640
× 8
2
88
0x01
832
× 8
2
136
0x02
1K
× 8
3
184
0x03
2K
× 8
7
432
0x04
4K
× 8
14
928
0x05
8K
× 8
28
1920
0x06
16K
× 9
59
3904
0x07
32K
× 10
123
7880
0x08
64K
× 11
251
15816
0x09
128K
× 12
507
31688
0x0A
256K
× 13
1019
63432
0x0B
512K
× 14
2189
134 040
0x0C
1M
× 15
4530
277 408
0x0D–0x0F
2M
× 16
9211
564 144
The data in Table 6 shows a large range between the worst-case performance and the best-case performance.
For a 500-address system, 128K
× 12 is needed. A 1000 address system requires 256K × 13. A 2000 address
system requires 512K
× 14, where K = 1024 for binary-sized memories.
The difference between the best and worst case at each row depends on the similarity (when viewed in 5-bit
groups) of the addresses entered into the table. If addresses are sequential, there is maximal table sharing, and
the most addresses fit into the smallest space. If addresses are widely spaced with respect to the 5-bit groups,
there is minimal table sharing, because each 32-entry table has only one entry at each level. This requires the
most SRAM per address.
register spaces/external devices accessible through the TNETX15AE
Although the TNETX15AE is designed to work in a CPU-less environment, access to the internal registers is
useful for the following reasons:
D Setting/changing port assignments
D Setting operational modes (startup options)
D Resetting the device (software reset)
D Management-based access and control of the lookup table
D Statistics gathering
D Diagnostic operations
D Communicating with attached PHYs through the MII
D Reading/writing to an external EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com