Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2012 Datasheet(PDF) 34 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 34 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 30Page - Samsung semiconductor RC2012 Datasheet HTML 31Page - Samsung semiconductor RC2012 Datasheet HTML 32Page - Samsung semiconductor RC2012 Datasheet HTML 33Page - Samsung semiconductor RC2012 Datasheet HTML 34Page - Samsung semiconductor RC2012 Datasheet HTML 35Page - Samsung semiconductor RC2012 Datasheet HTML 36Page - Samsung semiconductor RC2012 Datasheet HTML 37Page - Samsung semiconductor RC2012 Datasheet HTML 38Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Characteristics
Performance
Direct Current
Resistance
Within the regulated resistance tolerance.
Less than ±(1%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
Over 1,000M
Ω
Temperature
Characteristic
Short-time
Overload
Intermittent
Overload
Dielectric
Withstanding
Voltage
Insulation
Resistance
ΔR
ΔR
Visual
Visual
J-Grade
1
Ω≤R〈10Ω:+300/-200ppm/℃
10
Ω≤R≤1MΩ:±100ppm/℃(0603±250ppm)
1M
Ω〈R≤10MΩ:±300ppm/℃
F-Grade
1
Ω≤R≤10MΩ:±100ppm/℃(0603±250ppm)
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
JIS C 5201-1 4.5
Voltage apply Within 5 sec.
Test temp: 20
℃, 65RH
Test board: <FIG. 1>
JIS C 5201-1 4.8
Test Temperature(
℃)
20
℃→ -55℃ / 20℃→ 125℃
T.C.R(ppm /
℃)=(R-R20)/ R20×1/(T-T20)×106
※
T=test Temperature, T20 =20
℃
R=Resistance at T, R20 =Resistane at T20
Test board: <FIG. 1>
JIS C 5201-1 4.13
Apply 2.5 times rated voltage for 5 sec.
Wait 60 minutes at room temperature.
Measure the resistance value.
Test board: <FIG. 1>
JIS C 5201-1 4.13
2.5 times of rated voltage .
1 second ON, 25 second OFF.
10,000 cycles.
Test board: <FIG. 1>
JIS C 5201-1 4.7
Apply Voltage for 1 minute
0402.0603:50V
1005, 1608: 100V
Other: 500V
Max Surge
Current
Max Surge
Current
Cu
Item
Requirements Specification
Test Methods
Resistor
Resistor
Jumper
Jumper
Cu
P2
Cu
Substrate
V
Solderability
Coverage:
≥95% each termination.
No crack of termination parts and ceramic exposure of
surface by melting.
Less than±(0.5%+0.05
Ω)of the initialvalue.
Less than±(1%+0.05
Ω)of the initial value.
Less than±(1%+0.05
Ω)of the initial value.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
Bending
Test
Adhesive strength
of termination
No mechanical damage or sign of disconnection
JIS C 5201-1(4.16)
- Test strengh : 5N (500g . f), 0603 : 2N
- Test time : Applying pressure for 10 seconds
Resistance
to
Soldering
Heat
Anti-
Vibration
Test
ΔR
ΔR
ΔR
Visual
Visual
Visual
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
IEC60068-2-58
Rosin Flux: Rosin 25%, Methanol 75%
Solder Temp.: 245+5/-0
℃
Dipping time: 2±0.5 sec.(Both side dipping)
JIS C 5201-1 4.33
After soldering resistor on
the PCB, 3mm of bending shall
be applied for 10 sec.
Test board: <FIG. 2>
JIS C 5201-1 4.18
- Flow soldering :260±5℃,10 sec .max.(both side dipping)
- Reflow soldering :260±5℃, 10 sec. max.
over 230
℃, 30~40 sec.
JIS C 5201-1 4.22
2 hours each in X, Y and Z axis(total 6 hours)
10 to 55Hz sweep in 1 minute at 1.5mm amplitude.
Item
Requirements Specification
Test Methods
Resistor
Resistor
Jumper
Jumper
R230
20
3mm
500 g.f
90mm
Electrical Characteristic
Mechanical Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com