Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2012 Datasheet(PDF) 15 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 11Page - Samsung semiconductor RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor RC2012 Datasheet HTML 16Page - Samsung semiconductor RC2012 Datasheet HTML 17Page - Samsung semiconductor RC2012 Datasheet HTML 18Page - Samsung semiconductor RC2012 Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
14
15
-55~+155
℃
70
℃
0.1~0.98
Type
Power
Rating
(W)
Working
Voltage
(V, MAX)
TCR (ppm/℃)
F(
±1%)
E-24
Resistance Range (Ω)
G(
±2%)
E-24
J(
±5%)
E-24
Rated
Ambient
Temperature
Rated
Working
Temperature
The rated power is the maximum continuous loading
power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power
follows the below power derating curve.
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
•Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
•E-24 series
E-24 series
√Rated power(W)×Normal resistance value (R)
- R means decimal point.
- Other digits represent
significant value.
- Example: R22
Left 1 digit: R
Last 2 digits: 22
R22 = 0.22
Ω
3 digits indication
- R means decimal point.
- Other digits represent
significant value.
-Example: R075
Left 1 digit: R
Last 3 digits:075
R075 = 0.075
Ω
4 digits indication
R
R2
22
2
R
R0
07
75
5
R10
R11
R12
R13
R15
R16
R18
R20
R22
R24
R27
R30
0.10
Ω
0.11
Ω
0.12
Ω
0.13
Ω
0.15
Ω
0.16
Ω
0.18
Ω
0.20
Ω
0.22
Ω
0.24
Ω
0.27
Ω
0.30
Ω
Code
R-value
R33
R36
R39
R43
R47
R51
R56
R62
R68
R75
R82
R91
0.33
Ω
0.36
Ω
0.39
Ω
0.43
Ω
0.47
Ω
0.51
Ω
0.56
Ω
0.62
Ω
0.68
Ω
0.75
Ω
0.82
Ω
0.91
Ω
Code
R-value
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
1/16
1/10
1/8
1/4
1/3
2/3
1
0.1
Ω≤R≤0.2Ω
:+700,-600
R > 0.2
Ω:±250
Specification
Resistance Value Table
Power Derating Curve
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
(P
×R)
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com