Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2012 Datasheet(PDF) 26 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 26 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 22Page - Samsung semiconductor RC2012 Datasheet HTML 23Page - Samsung semiconductor RC2012 Datasheet HTML 24Page - Samsung semiconductor RC2012 Datasheet HTML 25Page - Samsung semiconductor RC2012 Datasheet HTML 26Page - Samsung semiconductor RC2012 Datasheet HTML 27Page - Samsung semiconductor RC2012 Datasheet HTML 28Page - Samsung semiconductor RC2012 Datasheet HTML 29Page - Samsung semiconductor RC2012 Datasheet HTML 30Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Arrays(Concave Type)
RN: Concave type array
RN
Code Designation
10: 1005
16: 1608
16
Dimension
2P: 2 Pieces
4P: 4 Pieces
4P
Resistors
J:
±5%
※Jumper:
’
J
’
J
Tolerance
3 digit coding system
(IEC coding system)
E-24 series
1 0 0
Resistance Value
CS : Tape Packaging 7"
ES : Tape Packaging 10"
AS : Tape Packaging 13"
CS
Packaging Code
•The part number system shall be in the following format
•Reducing SMD surface area (40% reduced).
•Reducing SMD costs (75% reduced).
•Both flow and reflow soldering are applicable.
•Convex & concave type.
The product of lead-free terminal is RoHS compliant.
PhO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•For semiconductor devices.
•For computers, digital circuits.
Feature
Application
Structure and Dimensions
Parts Numbering System
RN102P
RN104P
Type
1.00±0.10
2.00±0.10
1.00±0.10
1.00±0.10
0.35±0.10
0.40±0.10
0.30±0.10
0.30±0.10
0.15±0.10
0.15±0.10
0.25±0.15
0.25±0.15
0.5±0.10
0.5±0.10
1.2
㎎
2.8
㎎
L
W
TA
B
G
P
Average
Weight
(UNIT: mm)
•2 Array
A
A
B
T
W
P
L
G
B
T
W
L
P
G
•4 Array
(Top side)
(Bottom side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com