Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2012 Datasheet(PDF) 36 Page - Samsung semiconductor

Part # RC2012
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 36 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 32Page - Samsung semiconductor RC2012 Datasheet HTML 33Page - Samsung semiconductor RC2012 Datasheet HTML 34Page - Samsung semiconductor RC2012 Datasheet HTML 35Page - Samsung semiconductor RC2012 Datasheet HTML 36Page - Samsung semiconductor RC2012 Datasheet HTML 37Page - Samsung semiconductor RC2012 Datasheet HTML 38Page - Samsung semiconductor RC2012 Datasheet HTML 39Page - Samsung semiconductor RC2012 Datasheet HTML 40Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Packaging
(UNIT: mm)
0402
0603
1005
RP102
RP10AT
RN102
RP104
RN104
A
0.24±0.03
0.38±0.05
0.70±0.10
1.17±0.10
1.20±0.10
1.20±0.10
1.20±0.10
1.20±0.10
BT
0.45±0.03
0.68±0.05
1.20±0.10
1.17±0.10
1.20±0.10
1.20±0.10
2.20±0.10
2.20±0.10
0.5 Max
0.5 Max
0.6 Max
0.6 Max
0.6 Max
0.6 Max
0.6 Max
0.8 Max
Punched
Paper
Press
Pocket
or
Punched
Paper
Embossed
Tape
2mm
8mm
4mm
12mm
Type
Pitch Width
Dimensions
-0603: Press pocket.
•Reel dimensions
•Tape dimensions
1608
2012
3216
3225
RP164
A
1.10±0.20
1.65±0.20
2.00±0.20
2.90±0.20
2.00±0.20
BT
1.90±0.20
2.40±0.20
3.60±0.20
3.60±0.20
3.60±0.20
0.8 Max
1.1 Max
5025
6432
A
2.80±0.20
3.50±0.20
BT
5.30±0.20
6.75±0.20
1.1 Max
4.0
±0.1
1.75
±0.1
3.5
±0.05
8.0
±0.1
2.0
±0.05
A
B
1.0
T
1.5 +0.1
- 0
4.0
±0.1
2
±0.05
4
4
A
B
0.3
±0.02
T
1.75
±0.1
3.5
±0.05
8.0
±0.1
2.0
±0.05
4.0
±0.1
A
B
1.0
T
1.5 +0.1
- 0
Φ1.5
Φ1.5 +0.1
- 0
Taping Type
E
C
C B
A
D
W
t
Unit: mm
Tape Width
A
B
C
D
Symbol
7" Reel
10" Reel
13" Reel
8mm
12mm
8mm
12mm
8mm
12mm
Ø180+0/-3
Ø180+0/-3
Ø258+0/-3
Ø258+0/-3
Ø330±2.0
Ø330±2.0
Ø60±1.0
Ø60±1.0
Ø80±1.0
Ø80±1.0
Ø100±1.0
Ø80±1.0
Ø13±0.3
Ø13±0.3
Ø13±0.3
Ø13±0.3
Ø13±0.3
Ø13±0.3
4
±0.2
4
±0.2
4
±0.2
4
±0.2
4
±0.2
4
±0.2
Tape Width
E
W
t
Symbol
7" Reel
10" Reel
13" Reel
8mm
12mm
8mm
12mm
8mm
12mm
2.0
±0.5
2.0
±0.5
2.0
±0.5
2.0
±0.5
2.0
±0.5
2.0
±0.5
9
±0.5
13
±0.5
9
±0.5
13
±0.5
9
±0.5
13
±0.5
1.2
±0.2
1.2
±0.2
1.8
±0.2
1.8
±0.2
2.2
±0.2
2.2
±0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com