Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P7 Datasheet(PDF) 11 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High and Low-side Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation IXD611P7 Datasheet HTML 10Page - IXYS Corporation IXD611P7 Datasheet HTML 11Page - IXYS Corporation IXD611P7 Datasheet HTML 12Page - IXYS Corporation IXD611P7 Datasheet HTML 13Page - IXYS Corporation IXD611P7 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
IXD611
© 2007 IXYS CORPORATION All rights reserved
Low Level Output Voltage vs. Supply Voltage
Io = 20mA
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
Supply Voltage (V)
Low Side
High Side
Output Sink Current vs. Supply Voltage
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Output Source Current vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
High Level Ouput Voltage vs. Supply Voltage
Io = 20mA
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
Supply Voltage (V)
Low Side
High Side
Output Source Current vs. Temperature
VSUPPLY = 15V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50
0
50
100
150
Temperature (C)
Output Sink Current vs. Temeprature
VSUPPLY = 15V
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-50
0
50
100
150
Temperature (C)
Fig. 23
Fig. 24
Fig. 25
Fig. 28
Fig. 27
Fig. 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com