Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P7 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High and Low-side Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 5 Page - IXYS Corporation

  IXD611P7 Datasheet HTML 1Page - IXYS Corporation IXD611P7 Datasheet HTML 2Page - IXYS Corporation IXD611P7 Datasheet HTML 3Page - IXYS Corporation IXD611P7 Datasheet HTML 4Page - IXYS Corporation IXD611P7 Datasheet HTML 5Page - IXYS Corporation IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
IXD611
© 2007 IXYS CORPORATION All rights reserved
Precaution : When performing the high voltage tests, adequate safety precautions should be taken.
Symbol
Definition
Test Conditions
Min
Typ
Max
Units
V
INH
Logic “1” input voltage
V
CL = VCH= 15V
2.7
V
V
INL
Logic “0” input voltage
V
CL= VCH = 15V
2.4
V
V
HLGO // VHHGO High level output voltage,
I
O = 20mA
0.22
0.3
V
V
CH-VHGO or VCL-VLGO
V
LLGO // VLHGO Low level output voltage,
I
O = 20mA
0.16
0.25
V
V
HGO or VLGO
I
HL
HS to LS bias current.
V
HS = 600V
0.12
0.2
mA
I
QHS
Quiescent V
CH supply current
V
CH= 15V VIN= 0V or VIN = 5 V
0.7
0.8
mA
I
QLS
Quiescent V
CL supply current
V
CL= 15V VIN= 0V or VIN = 5 V
0.18
0.3
mA
I
IN+
Logic “1” input bias current
V
IN =
V
SUPPLY = 15V
11
20
uA
I
IN-
Logic “0” input bias current
V
IN = 0V
1
2
uA
V
CHUV+VCH supply undervoltage positive going threshold.
7.5
8
8.5
V
V
CHUV-VCH supply undervoltage negative going threshold.
7
7.3
8
V
V
CLUV+VCL supply undervoltage positive going threshold
7.5
8
8.5
V
V
CLUV-VCL supply undervoltage negative going threshold.
7
7.5
8
V
V
CHUVH, VCLUVH
Undervoltage Hysteresis
0.3
0.6
V
I
GO+
HS or LS Output high short circuit current; V
GO= 15V, VIN= 5V, PW<10us 0.5
0.6
A
I
GO-
HS or LS Output low short circuit current; V
GO= 15V, VIN= 0V, PW<10us
-0.6
-0.5
A
Dynamic Electrical Characteristics
Symbol
Definition
Test Conditions
Min
Typ
Max
Units
t
on
Turn-on propagation delay
V
CL= VCH = 15V, CLOAD= 1nF
180
200
ns
t
off
Turn-off propagation delay
V
CL= VCH = 15V, CLOAD= 1nF
170
190
ns
t
r
Turn-on rise time
V
CL= VCH = 15V, CLOAD= 1nF
28
35
ns
t
f
Turn-off fall time
V
CL= VCH = 15V, CLOAD= 1nF
18
25
ns
t
dm
Delay matching, HS & LS turn-on/off
C
LOAD= 1nF
10
20
ns
Static Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com