Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P7 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High and Low-side Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXD611P7 Datasheet HTML 3Page - IXYS Corporation IXD611P7 Datasheet HTML 4Page - IXYS Corporation IXD611P7 Datasheet HTML 5Page - IXYS Corporation IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation IXD611P7 Datasheet HTML 10Page - IXYS Corporation IXD611P7 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
IXD611
© 2007 IXYS CORPORATION All rights reserved
Figure 8. Test circuit for allowable offset supply voltage transient.
V
CH
HGO
HS
V
CL
LGO
HIN
LIN
LS
1k
1k
HIN
LIN
1
2
3
4
VIN+
VOUT-
VOUT+
GND
VOUT-
VOUT+
1uF/35V MLCC
1k
V
CL
1uF/35V MLCC
10uF/35V
15
5.1
1N5817
1N5817
5.1
15
18uH
0.47uF
0.47uF
0.1uF/1kV
Up to 500V
V
CL
1
10
11
12
15
14
5
6
7
8
IXCP
10M90S
1
2
3
30
IXTH14N60P
IXTH14N60P
Figure 9. Test circuit for high frequency, 750kHz, operation.
V
CH, VCL = 15V
HS
LGO
VCH
VCL
HIN
LIN
LS
HGO
N/C
50
GND
dv/dt slope adjustment
DC_DC Boost
NDY1215C
Vout+
Vout-
TX 30:1
1nF
10V
10V
10uF
Low ESR
15V
10uF
0.1uF
IXDN414
Drive Input
Up to 600V
HGO Out
1.5k 2W
20uF
1kV
10x0.1uF
1kV
100uF 25V
Low ESR
100 ohm
multi turn
IXD611
Measure dV/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com