Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P7 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High and Low-side Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 3 Page - IXYS Corporation

  IXD611P7 Datasheet HTML 1Page - IXYS Corporation IXD611P7 Datasheet HTML 2Page - IXYS Corporation IXD611P7 Datasheet HTML 3Page - IXYS Corporation IXD611P7 Datasheet HTML 4Page - IXYS Corporation IXD611P7 Datasheet HTML 5Page - IXYS Corporation IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
IXD611
© 2007 IXYS CORPORATION All rights reserved
7
6
5
Figure 3A. Pin configuration for IXD611P1 (8 pin DIP) and IXD611S1 (8 pin SOIC)
Figure 3B. Pin configuration for IXD611P7 (14 pin DIP) and IXD611S7 (14 pin SOIC)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HIN
LGO
LS
LIN
VCL
VCH
HGO
HS
VCL
HIN
LIN
LS
LGO
HS
VCH
HGO
8 pin DIP
8 pin SOIC
1
2
3
4
5
6
7
8
1
2
3
4
8
LIN
HGO
NC
NC
NC
NC
DG
LS
LGO
HS
VCH
VCL
NC
HS
NC
NC
NC
VCL
VCH
DG
LIN
HGO
LGO
NC
NC
LS
HIN
HIN
8
14
13
12
11
10
9
1
2
3
4
5
6
7
14 pin DIP
14 pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com