Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8205 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8205
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8205 Datasheet HTML 3Page - Analog Devices AD8205 Datasheet HTML 4Page - Analog Devices AD8205 Datasheet HTML 5Page - Analog Devices AD8205 Datasheet HTML 6Page - Analog Devices AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8278/AD8279
Rev. C | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Supply Voltage
±18 V
Maximum Voltage at Any Input Pin
−VS + 40 V
Minimum Voltage at Any Input Pin
+VS − 40 V
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
−40°C to +85°C
Package Glass Transition Temperature (TG)
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The θJA values in Table 7 assume a 4-layer JEDEC standard
board with zero airflow.
Table 7. Thermal Resistance
Package Type
θJA
Unit
8-Lead MSOP
135
°C/W
8-Lead SOIC
121
°C/W
14-Lead SOIC
105
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8278 and
AD8279 are limited by the associated rise in junction tempera-
ture (TJ) on the die. At approximately 150°C, which is the glass
transition temperature, the properties of the plastic change.
Even temporarily exceeding this temperature limit may change
the stresses that the package exerts on the die, permanently shifting
the parametric performance of the amplifiers. Exceeding a
temperature of 150°C for an extended period may result in a
loss of functionality.
2.0
1.6
1.2
0.8
0.4
0
–50
0
–25
255075
100
125
AMBIENT TEMERATURE (°C)
TJ MAX = 150°C
MSOP
θJA = 135°C/W
SOIC
θJA = 121°C/W
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
SHORT-CIRCUIT CURRENT
The AD8278 and AD8279 have built-in, short-circuit protection
that limits the output current (see Figure 29 for more information).
While the short-circuit condition itself does not damage the
part, the heat generated by the condition can cause the part to
exceed its maximum junction temperature, with corresponding
negative effects on reliability. Figure 3 and Figure 29, combined
with knowledge of the supply voltages and ambient temperature of
the part, can be used to determine whether a short circuit will
cause the part to exceed its maximum junction temperature.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com