Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8205 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8205
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8205 Datasheet HTML 15Page - Analog Devices AD8205 Datasheet HTML 16Page - Analog Devices AD8205 Datasheet HTML 17Page - Analog Devices AD8205 Datasheet HTML 18Page - Analog Devices AD8205 Datasheet HTML 19Page - Analog Devices AD8205 Datasheet HTML 20Page - Analog Devices AD8205 Datasheet HTML 21Page - Analog Devices AD8205 Datasheet HTML 22Page - Analog Devices AD8205 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8278/AD8279
Rev. C | Page 19 of 24
The reference must be driven with a low impedance source to
maintain the internal resistor ratio. An example using the low
power, low noise OP1177 as a reference is shown in Figure 58.
INCORRECT
V
CORRECT
AD8278
OP1177
+
–
V
REF
AD8278
REF
Figure 58. Driving the Reference Pin
DIFFERENTIAL OUTPUT
The two difference amplifiers of the AD8279 can be configured
to provide a differential output, as shown in Figure 59. This
differential output configuration is suitable for various applications,
such as strain gage excitation and single-ended-to-differential
conversion. The differential output voltage has a gain twice that
of a single AD8279 channel, as shown in the following equation:
VDIFF_OUT
= V+OUT − V−OUT = 2 × GAD8279 × (VIN+ – VIN−)
If the AD8279 amplifiers are each configured for G = ½, the
differential gain is 1×; if the AD8279 amplifiers are each
configured for G = 2, the differential gain is 4×.
12
2
14
3
13
11
20kΩ
40kΩ
20kΩ
+VS
–IN
+IN
+OUT
40kΩ
AD8279
10
6
8
5
9
4
20kΩ
40kΩ
20kΩ
–VS
40kΩ
–OUT
Figure 59. AD8279 Differential Output G = 4 Configuration
INSTRUMENTATION AMPLIFIER
The AD8278 and AD8279 can be used as building blocks for a
low power, low cost instrumentation amplifier. An instrumentation
amplifier provides high impedance inputs and delivers high
common-mode rejection. Combining the AD8278 with an Analog
Devices, Inc., low power amplifier (see Table 11) creates a precise,
power efficient voltage measurement solution suitable for power
critical systems.
RG
RF
RF
–IN
+IN
A1
A2
AD8278/
AD8279
40kΩ
20kΩ
20kΩ
40kΩ
REF
VOUT
VOUT = (1 + 2RF/RG) (VIN+ – VIN–) × 2
Figure 60. Low Power Precision Instrumentation Amplifier
Table 11. Low Power Op Amps
Op Amp (A1, A2)
Features
AD8506
Dual micropower op amp
AD8607
Precision dual micropower op amp
AD8617
Low cost CMOS micropower op amp
AD8667
Dual precision CMOS micropower op amp
It is preferable to use dual op amps for the high impedance inputs
because they have better matched performance and track each
other over temperature. The AD8278 and AD8279 difference
amplifiers cancel out common-mode errors from the input op
amps, if they track each other. The differential gain accuracy of
the in-amp is proportional to how well the input feedback
resistors (RF) match each other. The CMRR of the in-amp
increases as the differential gain is increased (1 + 2RF/RG), but a
higher gain also reduces the common-mode voltage range.
Refer to A Designer’s Guide to Instrumentation Amplifiers for
more design ideas and considerations at www.analog.com,
under Technical Documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com