Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8205 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8205
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 3 Page - Analog Devices

  AD8205 Datasheet HTML 1Page - Analog Devices AD8205 Datasheet HTML 2Page - Analog Devices AD8205 Datasheet HTML 3Page - Analog Devices AD8205 Datasheet HTML 4Page - Analog Devices AD8205 Datasheet HTML 5Page - Analog Devices AD8205 Datasheet HTML 6Page - Analog Devices AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8278/AD8279
Rev. C | Page 3 of 24
SPECIFICATIONS
VS = ±5 V to ±15 V, VREF = 0 V, TA = 25°C, RL = 10 kΩ connected to ground, G = ½ difference amplifier configuration, unless
otherwise noted.
Table 2.
G = ½
Grade B
Grade A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
System Offset1
50
100
50
250
μV
Over Temperature
TA = −40°C to +85°C
100
250
μV
vs. Power Supply
VS = ±5 V to ±18 V
2.5
5
μV/V
Average Temperature
Coefficient
TA = −40°C to +85°C
0.3
1
2
5
μV/°C
Common-Mode Rejection
Ratio (RTI)
VS = ±15 V, VCM = ±27 V,
RS = 0 Ω
80
74
dB
Input Voltage Range2
−3 (VS + 0.1)
+3 (VS − 1.5)
−3 (VS + 0.1)
+3 (VS − 1.5)
V
Impedance3
Differential
120
120
kΩ
Common Mode
30
30
kΩ
DYNAMIC PERFORMANCE
Bandwidth
1
1
MHz
Slew Rate
1.1
1.4
1.1
1.4
V/μs
Channel Separation
f = 1 kHz
130
130
dB
Settling Time to 0.01%
10 V step on output,
CL = 100 pF
9
9
μs
Settling Time to 0.001%
10
10
μs
GAIN
Gain Error
0.005
0.02
0.01
0.05
%
Gain Drift
TA = −40°C to +85°C
1
5
ppm/°C
Gain Nonlinearity
VOUT = 20 V p-p
7
12
ppm
OUTPUT CHARACTERISTICS
Output Voltage Swing4
VS = ±15 V, RL = 10 kΩ
TA = −40°C to +85°C
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
Short-Circuit Current Limit
±15
±15
mA
Capacitive Load Drive
200
200
pF
NOISE5
Output Voltage Noise
f = 0.1 Hz to 10 Hz
1.4
1.4
μV p-p
f = 1 kHz
47
50
47
50
nV/√Hz
POWER SUPPLY6
AD8278 Supply Current
200
200
μA
Over Temperature
TA = −40°C to +85°C
250
250
μA
AD8279 Supply Current
300
350
300
350
μA
Over Temperature
TA = −40°C to +85°C
400
400
μA
Operating Voltage Range7
±2
±18
±2
±18
V
TEMPERATURE RANGE
Operating Range
−40
+125
−40
+125
°C
1 Includes input bias and offset current errors, RTO (referred to output).
2 The input voltage range may also be limited by absolute maximum input voltage or by the output swing. See the
for details.
Input Voltage Range
3 Internal resistors are trimmed to be ratio matched and have ±20% absolute accuracy.
4 Output voltage swing varies with supply voltage and temperature. See Figur
through
for details.
e 22
Figure 25
5 Includes amplifier voltage and current noise, as well as noise from internal resistors.
6 Supply current varies with supply voltage and temperature. See Figure
and
for details.
26
Figure 28
7 Unbalanced dual supplies can be used, such as −VS = −0.5 V and +VS = +2 V. The positive supply rail must be at least 2 V above the negative supply and reference
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com