Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8205 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8205
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices AD8205 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8278/AD8279
Rev. C | Page 11 of 24
18
–36
–30
–24
–18
–12
–6
0
6
12
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
GAIN = 2
GAIN = ½
Figure 19. Gain vs. Frequency, +2.7 V Single Supply
120
100
80
60
40
20
0
11M
100k
10k
1k
100
10
FREQUENCY (Hz)
GAIN = 2
GAIN = ½
Figure 20. CMRR vs. Frequency
120
100
80
60
40
20
0
11M
100k
10k
1k
100
10
FREQUENCY (Hz)
–PSRR
+PSRR
Figure 21. PSRR vs. Frequency
+VS
–0.1
–0.2
–0.3
–0.4
–VS
+0.1
+0.2
+0.3
+0.4
21
16
14
12
10
8
6
4
SUPPLY VOLTAGE (±VS)
8
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 22. Output Voltage Swing vs. Supply Voltage and Temperature,
RL = 10 kΩ
+VS
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–VS
+0.2
+0.4
+0.6
+0.8
+1.0
+1.2
SUPPLY VOLTAGE (±VS)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
21
16
14
12
10
8
6
4
8
Figure 23. Output Voltage Swing vs. Supply Voltage and Temperature,
RL = 2 kΩ
+VS
–4
–8
–VS
+4
+8
LOAD RESISTANCE (Ω)
1k
100k
10k
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 24. Output Voltage Swing vs. RL and Temperature, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com