Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5327 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5327
Description  Adjustable Low Dropout 300mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5327 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5327 Datasheet HTML 5Page - Anpec Electronics Coropration APL5327 Datasheet HTML 6Page - Anpec Electronics Coropration APL5327 Datasheet HTML 7Page - Anpec Electronics Coropration APL5327 Datasheet HTML 8Page - Anpec Electronics Coropration APL5327 Datasheet HTML 9Page - Anpec Electronics Coropration APL5327 Datasheet HTML 10Page - Anpec Electronics Coropration APL5327 Datasheet HTML 11Page - Anpec Electronics Coropration APL5327 Datasheet HTML 12Page - Anpec Electronics Coropration APL5327 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2011
APL5327
www.anpec.com.tw
9
Application Information
P
D = (TJ - TA) / θJA
where (T
J-TA) is the temperature difference between the
junction and ambient air.
θ
JA is the thermal resistance
between Junction and ambient air. Assuming the
T
A=25
oC and maximum T
J=160
oC (typical thermal limit
threshold), the maximum power dissipation is calcu-
lated as below:
P
D(max)=(160-25)/240
= 0.56(W)
For normal operation, do not exceed the maximum junc-
tion temperature rating of T
J = 125
oC. The calculated power
dissipation should less than:
P
D =(125-25)/240
= 0.41(W)
The GND provides an electrical connection to the ground
and channels heat away. Connect the GND to the ground
by using a large pad or a ground plane.
Input Capacitor
The APL5327 requires proper input capacitors to supply
surge current during stepping load transients to prevent
the input rail from dropping. Because the parasitic induc-
tor from the voltage sources or other bulk capacitors to
the VIN limit the slew rate of the surge current, place the
Input capacitors near VIN as close as possible. Input ca-
pacitors should be larger than 1
µF and a minimum ce-
ramic capacitor of 1
µF is necessary.
Output Capacitor
The APL5327 needs a proper output capacitor to main-
tain circuit stability and to improve transient response over
temperature and current. In order to insure the circuit
stability, the proper output capacitor value should be larger
than 1
µF. With X5R and X7R dielectrics, 1µF is sufficient
at all operating temperatures. Large output capacitor value
can reduce noise and improve load-transient response
and PSRR, however, it also affects power on issue. Maxi-
mum output capacitance should be less than 100
µF.
Operation Region and Power Dissipation
The APL5327 maximum power dissipation depends on
the thermal resistance and temperature difference be-
tween the die junction and ambient air. The power dissi-
pation P
D across the device is:
Layout Consideration
Figure 1 illustrates the layout. Below is a checklist for
your layout:
1. Please place the input capacitors close to the VIN.
2. Ceramic capacitors for load must be placed near the
load as close as possible.
3. To place APL5327 and output capacitors near the load
is good for performance.
4. Large current paths, the bold lines in figure 2, must
have wide tracks.
5. Divider resistor R1 and R2 must be placed near the
SET as close as possible.
Figure 1.
Recommended Minimum Footprint
SOT-23-5
0.02
0.038
0.076
Unit : Inch
VIN
GND
VOUT
2
1
5
4
APL5327
V
OUT
C
OUT
R
1
R
2
SET
LOAD
C
IN
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com