Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5327 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5327
Description  Adjustable Low Dropout 300mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5327 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5327 Datasheet HTML 1Page - Anpec Electronics Coropration APL5327 Datasheet HTML 2Page - Anpec Electronics Coropration APL5327 Datasheet HTML 3Page - Anpec Electronics Coropration APL5327 Datasheet HTML 4Page - Anpec Electronics Coropration APL5327 Datasheet HTML 5Page - Anpec Electronics Coropration APL5327 Datasheet HTML 6Page - Anpec Electronics Coropration APL5327 Datasheet HTML 7Page - Anpec Electronics Coropration APL5327 Datasheet HTML 8Page - Anpec Electronics Coropration APL5327 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2011
APL5327
www.anpec.com.tw
5
Operating Waveforms
Power on
Power Off
CH1 : V
IN , 2V/div
Time : 500
µs/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 200mA/div
V
IN
V
OUT
I
OUT
1
2
3
1
2
3
V
IN
V
OUT
I
OUT
Load Transient
CH1 : V
OUT, 50mV/div, DC Offset=3.3V
CH2 : I
OUT, 100mA/div
Time : 50
µs/div
Current Limit
1
2
V
OUT
I
OUT
CH1 : V
OUT, 1V/div
CH2 : I
OUT, 500mV/div
Time : 20
µs/div
CH1 : V
IN , 2V/div
Time : 50ms/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 200mA/div
V
OUT
I
OUT
1
2
V
IN
=5V, V
OUT
=3.3V,
C
IN
=1
µF, C
OUT
=1
µF
I
OUT =10mA->300mA->10mA
I
OUT
rising slew rate=300mA/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com