Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5327 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5327
Description  Adjustable Low Dropout 300mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5327 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5327 Datasheet HTML 1Page - Anpec Electronics Coropration APL5327 Datasheet HTML 2Page - Anpec Electronics Coropration APL5327 Datasheet HTML 3Page - Anpec Electronics Coropration APL5327 Datasheet HTML 4Page - Anpec Electronics Coropration APL5327 Datasheet HTML 5Page - Anpec Electronics Coropration APL5327 Datasheet HTML 6Page - Anpec Electronics Coropration APL5327 Datasheet HTML 7Page - Anpec Electronics Coropration APL5327 Datasheet HTML 8Page - Anpec Electronics Coropration APL5327 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2011
APL5327
www.anpec.com.tw
4
Typical Operating Characteristics
Output Current, I
OUT(mA)
V
OUT=3.3V
T
J=125
oC
T
J=75
oC
T
J=25
oC
T
J=-50
oC
Dropout Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
0
100
200
300
Junction Temperature, T
J (
oC)
V
IN=5V
V
IN=3.3V
Current Limit vs. Junction Temperature
400
450
500
550
600
-50
-25
0
25
50
75
100
125
V
OUT=2.5V
T
J=125
oC
T
J=75
oC
T
J=-50
oC
T
J=25
oC
Output Current, I
OUT(mA)
Dropout Voltage vs. Output Current
0
100
200
300
400
500
600
700
0
100
200
300
PSRR vs. Frequency
Frequency (Hz)
V
IN=3.3V, VOUT=1.2V, IOUT=10mA
20
200k
100
1k
10k
100k
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com