Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5327 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5327
Description  Adjustable Low Dropout 300mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5327 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5327 Datasheet HTML 1Page - Anpec Electronics Coropration APL5327 Datasheet HTML 2Page - Anpec Electronics Coropration APL5327 Datasheet HTML 3Page - Anpec Electronics Coropration APL5327 Datasheet HTML 4Page - Anpec Electronics Coropration APL5327 Datasheet HTML 5Page - Anpec Electronics Coropration APL5327 Datasheet HTML 6Page - Anpec Electronics Coropration APL5327 Datasheet HTML 7Page - Anpec Electronics Coropration APL5327 Datasheet HTML 8Page - Anpec Electronics Coropration APL5327 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2011
APL5327
www.anpec.com.tw
3
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN = VOUT+1V, IOUT=0~300mA, CIN = 1µF, COUT = 1µF, TA = -40 to 85
oC.
Typical values are at T
A = 25
oC.
APL5327
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
3
-
6
V
VOUT
Output Voltage Range
1.2
-
5.5
V
IQ
Quiescent Current
IOUT =10mA ~300mA
-
135
160
µA
VREF
Reference Voltage
Measured on SET, VIN=3V, IOUT=10mA
-
1.2
-
V
Output Voltage Accuracy
IOUT=10mA
-2
-
+2
%
REGLINE
Line Regulation
∆V
OUT%/
∆V
IN, IOUT=10mA
-0.06
-
+0.06
%/V
REGLOAD Load Regulation
∆V
OUT%/
∆I
OUT
-0.2
-
+0.2
%/A
VOUT = 2.5V, IOUT = 300mA
-
500
650
VDROP
Dropout Voltage
VOUT = 3.3V, IOUT = 300mA
-
300
400
mV
PSRR
Power Supply Ripple Rejection Ratio
f = 10kHz, IOUT = 10mA
-
40
-
dB
Noise
f = 80Hz to 100kHz, IOUT = 300mA
-
160
-
µV
RMS
ILIMIT
Current Limit
450
550
-
mA
ISHORT
Foldback Current
VIN = 5V, VOUT = 0V
-
350
-
mA
SHDN Input Voltage High
1.6
-
-
SHDN Input Voltage Low
-
-
0.4
V
VOUT Discharge MOSFET RDS(ON)
SHDN = Low
-
60
-
Ω
Shutdown VIN Supply Current
SHDN = Low, VIN = 6V
-
0.1
1
µA
SHDN Pull Low Resistance
-
3
-
M
Ω
Over-Temperature Threshold
-
160
-
oC
Over-Temperature Hysteresis
-
40
-
oC
SET Input Bias Current
VSET=1.2V
-100
-
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com