Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7158 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7158 Datasheet HTML 1Page - Anpec Electronics Coropration APW7158 Datasheet HTML 2Page - Anpec Electronics Coropration APW7158 Datasheet HTML 3Page - Anpec Electronics Coropration APW7158 Datasheet HTML 4Page - Anpec Electronics Coropration APW7158 Datasheet HTML 5Page - Anpec Electronics Coropration APW7158 Datasheet HTML 6Page - Anpec Electronics Coropration APW7158 Datasheet HTML 7Page - Anpec Electronics Coropration APW7158 Datasheet HTML 8Page - Anpec Electronics Coropration APW7158 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Dual Synchronous Buck PWM Controllers
The APW7158 has two synchronous buck PWM control-
lers with high precision internal references voltage to of-
fer accurate outputs. The PWM controllers are designed
to drive two N-channel MOSFETs in synchronous buck
topology. The device requires 12V and 5V power supplies.
If the 5V supply is not available, the device can offer an
optional shunt regulator 5.8V for 5V supply.
Both outputs have independent soft-start and enable func-
tions combined on the SS/EN pin. Connecting a capaci-
tor from each SS/EN pin to the ground for setting the soft-
start time, and pulling the SS/EN pin voltage below 1V to
disable regulator. The device also offers 180
°phase shift
function between OUT1 and OUT2.
The default switching frequency is 300kHz (keep the FS
pin open or short to GND), and the device also provides
the programmable switching frequency function to ad-
just the switching frequency from 70kHz to 800kHz. Con-
necting a resistor from FS pin to GND increases the
switching frequency. Conversely, connecting a resistor
from FS pin to VCC12 decreases the switching frequency.
There is no current sensing or under-voltage sensing on
the APW7158. However, it provides a simple short-circuit
protection by monitoring the COMP1 pin and COMP2 pin
for over-voltage. When any of two pins exceed their trip
point and the condition keeps for 1-2 internal clock cycles
(3-6us at 300kHz), all regulators are latched off.
Features
•
Two Synchronous Buck Converters(OUT1,OUT2)
•
Converter Input Voltage Range up to 12V
•
0.6V Reference for OUT1 with 0.8% Accuracy
•
3.3V Reference for OUT2 with 0.8% Accuracy
•
Both Outputs have Independent Soft-Start and
Enable Functions
•
Internal 300kHz Oscillator and Programmable
Frequency Range from 70 kHz to 800kHz
•
180 Degrees Phase Shift etween OUT1 and OUT2
•
Short-Circuit Protection
•
Thermally Enhanced SOP-20 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
•
Graphic Cards
•
Low-Voltage Distributed Power Supplies
•
SMPS Application
Simplified Application Circuit
Pin Configuration
FB1 1
COMP1 2
COMP2 3
FB2 4
REFIN 5
REFOUT 6
SS1/EN1 7
SS2/EN2 8
VREF 9
FS10
20 VCC
19 BOOT1
18 UGATE1
17 VCC12
16 LGATE1
15 LGATE2
14 PGND
13 BOOT2
12 UGATE2
11 GND
S
APW7158
V
OUT1
REFIN
REFOUT
SS1/EN1
VCC12
VCC
V
IN1
V
IN2
V
OUT2
V
OUT1
V
OUT2
SS2/EN2


Similar Part No. - APW7158

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153A ANPEC-APW7153A Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153AKAI-TRG ANPEC-APW7153AKAI-TRG Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153AQBI-TRG ANPEC-APW7153AQBI-TRG Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153B ANPEC-APW7153B Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
More results

Similar Description - APW7158

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
Synchronous Buck PWM and Linear Controllers
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
Synchronous Push-Pull PWM Controllers
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
Synchronous Push-Pull PWM Controllers
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com