Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7158 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7158 Datasheet HTML 10Page - Anpec Electronics Coropration APW7158 Datasheet HTML 11Page - Anpec Electronics Coropration APW7158 Datasheet HTML 12Page - Anpec Electronics Coropration APW7158 Datasheet HTML 13Page - Anpec Electronics Coropration APW7158 Datasheet HTML 14Page - Anpec Electronics Coropration APW7158 Datasheet HTML 15Page - Anpec Electronics Coropration APW7158 Datasheet HTML 16Page - Anpec Electronics Coropration APW7158 Datasheet HTML 17Page - Anpec Electronics Coropration APW7158 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
14
Function Description
Soft-Start/Enable
Shunt Regulator
The APW7158 must have two power supplies V
CC (5V)
and V
CC12 (12V) to drive the IC; VCC (5V) is for the control
circuits and V
CC12 (12V) is for the drivers of outputs. The
shunt regulator is designed for these systems like figure
3 that do not have a 5V power supply; the range of the
shunt regulator voltage (5.8V, typical) is designed over
the usual range 4.5V to 5.5V of typical 5V power supplies.
Connect a resistor from VCC12 pin to VCC pin for shunt
regulator and for the supply current; the typical value, 300
Ω
of the resistor is recommended.
Phase Shift
The device offers 180
°phase shift function between OUT1
and OUT2. The advantage of Phase shift is to avoid over-
lapping the switching current spikes of the two channels
or interaction between the channels; it also reduces the
RMS current of the input capacitors, allowing fewer caps
to be employed. However, because the phase shift be-
tween the rising edge of V
LGATE1 and VLGATE2 (See Figure
1.) depends on the duty cycles, the falling edges of the
two channels might overlap. Therefore, the user should
check it.
Figure 1. Phase of V
LGATE2 with respect to rising edge of
V
LGATE1
0
o
180
o
VUGATE 1
VLGATE 1
VUGATE 2
VLGATE 2
The SS/EN pins control the soft-start and enable or dis-
able the controller. The two regulators have independent
soft-start and enable functions. Connect a soft-start ca-
pacitor from each SS/EN pin to the GND to set the soft-
start interval, and an open drain logic signal for each SS/
EN pin will enable or disable the respective output.
Figure 2 shows the soft-start interval. When both V
CC and
V
CC12 reach their Power-On-Reset threshold 4.23V and
7.8V, a 30
µA current source starts to charge the capacitor.
When the V
SS reaches the enabled threshold about 1V,
the internal 0.6V reference starts to rise and follows the
V
SS; the error amplifier output (VCOMP) suddenly raises to
1.1V, which is the valley of the oscillator’s triangle wave,
and leads the V
OUT to start up.
Until the V
SS reaches about 3.0V, the internal reference
completes the soft-start interval and reaches to 0.6V, and
then V
OUT is in regulation. The VSS still rises to 3.5V and
then stops.
TIME
VOLTAGE
t1
t2
t0
VSS/EN
VOUT
3V
1V
Figure 2. Soft-Start Interval
V
2
I
C
t
t
T
SS
SS
1
2
START
SOFT
⋅
=
−
=
−
Where:
C
SS = external Soft-Start capacitor
I
SS = Soft-Start current = 30µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com