Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7158 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW7158 Datasheet HTML 14Page - Anpec Electronics Coropration APW7158 Datasheet HTML 15Page - Anpec Electronics Coropration APW7158 Datasheet HTML 16Page - Anpec Electronics Coropration APW7158 Datasheet HTML 17Page - Anpec Electronics Coropration APW7158 Datasheet HTML 18Page - Anpec Electronics Coropration APW7158 Datasheet HTML 19Page - Anpec Electronics Coropration APW7158 Datasheet HTML 20Page - Anpec Electronics Coropration APW7158 Datasheet HTML 21Page - Anpec Electronics Coropration APW7158 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
18
Application Information (Cont.)
Where Fs is the switching frequency of the regulator. Al-
though increase the inductor value and frequency reduce
the ripple current and voltage, but there is a tradeoff ex-
ists between the inductor’s ripple current and the regula-
tor load transient response time.
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple current.
Increasing the switching frequency (F
S) also reduces the
ripple current and voltage, but it will increase the switch-
ing loss of the MOSFET and the power dissipation of the
converter. The maximum ripple current occurs at the
maximum input voltage. A good starting point is to choose
the ripple current to be approximately 30% of the maxi-
mum output current.
Once the inductance value has been chosen, select an
inductor that is capable of carrying the required peak cur-
rent without going into saturation. In some types of
inductors, especially core that is made of ferrite, the ripple
current will increase abruptly when it saturates. This will
result in a larger output ripple voltage.
Output Inductor Selection (Cont.)
Output Capacitor Selection
Higher Capacitor value and lower ESR reduce the output
ripple and the load transient drop. Therefore select high
performance low ESR capacitors that are intended for
switching regulator applications. In some applications,
multiple capacitors have to be parallel to achieve the de-
sired ESR value. A small decoupling capacitor in parallel
for bypassing the noise is also recommended, and the
voltage rating of the output capacitors are also must be
considered. If tantalum capacitors are used, make sure
they are surge tested by the manufactures. If in doubt,
consult the capacitors manufacturer.
Input Capacitor Selection
The input capacitor is chosen based on the voltage rating
and the RMS current rating. For reliable operation, select
the capacitor voltage rating to be at least 1.3 times higher
than the maximum input voltage.
The maximum RMS current rating requirement is approxi-
mately I
OUT/2, where IOUT is the load current. During power
up, the input capacitors have to handle large amount of
surge current. If tantalum capacitors are used, make sure
they are surge tested by the manufactures. If in doubt,
consult the capacitors manufacturer. For high frequency
decoupling, a ceramic capacitor 1uF can be connected
between the drain of upper MOSFET and the source of
lower MOSFET.
MOSFET Selection
The selection of the N-channel power MOSFETs are de-
termined by the R
DS(ON), reverse transfer capacitance (CRSS)
and maximum output current requirement. The losses in
the MOSFETs have two components: conduction loss and
transition loss. For the upper and lower MOSFET, the
losses are approximately given by the following :
P
UPPER=IOUT(1+TC)(RDS(ON))D+(0.5)(IOUT)(VIN)(tSW)FS
P
LOWER=IOUT(1+TC)(RDS(ON))(1-D)
Where
I
OUT
is the load current
TC is the temperature dependency of RDS(ON)
F
S
is the switching frequency
t
sw
is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction losses while
the upper MOSFET include an additional transition loss.
The switching internal, t
sw, is a function of the reverse
transfer capacitance C
RSS.
The (1+TC) term is to factor in the temperature depen-
dency of the R
DS(ON) and can be extracted from the “RDS(ON)
vs Temperature” curve of the power MOSFET.
Short Circuit Protection
The APW7158 provides a simple short circuit protection
function, and it is not easy to predict its performance, since
many factors can affect how well it works. Therefore, the
limitations and suggestions of this method must be pro-
vided for users to understand how to work it well.
• The short circuit protection was not designed to work
for the output in initial short condition. In this case, the
short circuit protection may not work, and damage the
MOSFETs. If the circuit still works, remove the short can
cause an inductive kick on the phase pin, and it may
damage the IC and MOSFETs.
• If the resistance of the short is not low enough to
cause protection, the regulator will work as the load has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com