Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7158 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7158 Datasheet HTML 1Page - Anpec Electronics Coropration APW7158 Datasheet HTML 2Page - Anpec Electronics Coropration APW7158 Datasheet HTML 3Page - Anpec Electronics Coropration APW7158 Datasheet HTML 4Page - Anpec Electronics Coropration APW7158 Datasheet HTML 5Page - Anpec Electronics Coropration APW7158 Datasheet HTML 6Page - Anpec Electronics Coropration APW7158 Datasheet HTML 7Page - Anpec Electronics Coropration APW7158 Datasheet HTML 8Page - Anpec Electronics Coropration APW7158 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
3
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Range
Unit
VCC12
VCC12 Supply Voltage
10.8 to 13.2
V
VCC
VCC Supply Voltage
4.5 to 5.5
V
VIN
Converter Input Voltage
2.2 to 13.2
V
VOUT
Converter Output Voltage
0.6 to 5
V
IOUT
Converter Output Current
0 to 20
A
TA
Ambient Temperature Range
-20 to 70
oC
TJ
Junction Temperature Range
-20 to 125
oC
Note 4: Refer to the typical application circuit
Electrical Characteristics
Operating Conditions: VCC = 5V, VCC12 = 12V, TA = -20 to 70°C. Typical values are at TA =25°C. Unless Otherwise Specified.
APW7158
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SUPPLY POWER
OUT1 and OUT2 disabled
-
4
-
mA
IVCC
VCC Input Supply Current
UGATEs, LGATEs CL = 1nF, 300kHz
-
7
-
mA
OUT1 and OUT2 disabled
-
6
-
mA
IVCC12
VCC12 Input Supply Current
UGATEs, LGATEs CL = 1nF, 300kHz
-
50
-
mA
Shunt Regulator Output Voltage
20mA current; Equivalent to 300
Ω resistor
from VCC to VCC12
5.6
5.8
6.0
V
Maximum Shunt Regulator Current
-
-
60
mA
VCC Rising
4.15
4.23
4.4
V
VCC Falling
3.9
4.0
4.15
V
VCC12 Rising
7.55
7.8
8
V
Power-On-Reset Threshold Voltage
VCC12 Falling
7.1
7.3
7.55
V
SYSTEM ACCURACY
OUT1 Reference Voltage
-
0.6
-
V
OUT1 System Accuracy
-0.8
-
0.8
%
OSCILLATOR
Oscillator Accuracy
-20
-
20
%
FS
Oscillator Frequency
FS pin is open
240
300
360
kHz
Oscillator Adjustment Range
FS pin: resistor to GND; resistor to VCC12
70
-
800
kHz
Oscillator Sawtooth Amplitude
-
2.1
-
V
Oscillator Duty-Cycle Range
0
-
85
%
ERROR AMPLIFIER (OUT1 AND OUT2)
Open-Loop Gain
RL = 10k
Ω to ground
-
85
-
dB
Open-Loop Bandwidth
CL = 100pF, RL = 10k
Ω to ground
-
15
-
MHz
Slew Rate
CL = 100pF, RL = 10k
Ω to ground
-
4
-
V/µS
ERROR AMPLIFIER Offset Voltage
COMP1/2 to FB1/2; compare to internal
VREF/REFIN
-
2
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com