Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8348
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 1 Page - Analog Devices

  AD8348 Datasheet HTML 1Page - Analog Devices AD8348 Datasheet HTML 2Page - Analog Devices AD8348 Datasheet HTML 3Page - Analog Devices AD8348 Datasheet HTML 4Page - Analog Devices AD8348 Datasheet HTML 5Page - Analog Devices AD8348 Datasheet HTML 6Page - Analog Devices AD8348 Datasheet HTML 7Page - Analog Devices AD8348 Datasheet HTML 8Page - Analog Devices AD8348 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
50 MHz to 1000 MHz
Quadrature Demodulator
AD8348
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated I/Q demodulator with IF VGA amplifier
Operating IF frequency 50 MHz to 1000 MHz
(3 dB IF BW of 500 MHz driven from RS = 200 Ω)
Demodulation bandwidth 75 MHz
Linear-in-decibel AGC range 44 dB
Third-order intercept
IIP3 +28 dBm @ minimum gain (FIF = 380 MHz)
IIP3 −8 dBm @ maximum gain (FIF = 380 MHz)
Quadrature demodulation accuracy
Phase accuracy 0.5°
Amplitude balance 0.25 dB
Noise figure 11 dB @ maximum gain (FIF = 380 MHz)
LO input −10 dBm
Single supply 2.7 V to 5.5 V
Power-down mode
Compact, 28-lead TSSOP package
APPLICATIONS
QAM/QPSK demodulator
W-CDMA/CDMA/GSM/NADC
Wireless local loop
LMDS
FUNCTIONAL BLOCK DIAGRAM
DIVIDE
BY 2
PHASE
SPLITTER
LOIN
LOIP
8
IMXO
VCMO
VREF
VCMO
13
IOFS
6
IAIN
4
IOPP
3
IOPN
5
VCMO
16
QOFS
24
ENVG
21
QXMO
19
MXIN
18
MXIP
23
QAIN
25
QOPP
26
QOPN
1
28
11
10
GAIN
CONTROL
17
BIAS
CELL
IFIP
IFIN
VGIN
15
ENBL
14
VREF
AD8348
Figure 1.
GENERAL DESCRIPTION
The AD8348 is a broadband quadrature demodulator with an
integrated intermediate frequency (IF), variable gain amplifier
(VGA), and integrated baseband amplifiers. It is suitable for use in
communications receivers, performing quadrature demodulation
from IF directly to baseband frequencies. The baseband amplifiers
are designed to interface directly with dual-channel ADCs, such
as the AD9201, AD9283, and AD9218, for digitizing and post-
processing.
The IF input signal is fed into two Gilbert cell mixers through
an X-AMP® VGA. The IF VGA provides 44 dB of gain control.
A precision gain control circuit sets a linear-in-decibel gain char-
acteristic for the VGA and provides temperature compensation.
The LO quadrature phase splitter employs a divide-by-2 frequency
divider to achieve high quadrature accuracy and amplitude balance
over the entire operating frequency range.
Optionally, the IF VGA can be disabled and bypassed. In this
mode, the IF signal is applied directly to the quadrature mixer
inputs via the MXIP and MXIN pins.
Separate I- and Q-channel baseband amplifiers follow the baseband
outputs of the mixers. The voltage applied to the VCMO pin sets
the dc common-mode voltage level at the baseband outputs.
Typically, VCMO is connected to the internal VREF voltage, but
it can also be connected to an external voltage. This flexibility
allows the user to maximize the input dynamic range to the ADC.
Connecting a bypass capacitor at each offset compensation input
(IOFS and QOFS) nulls dc offsets produced in the mixer. Offset
compensation can be overridden by applying an external voltage
at the offset compensation inputs.
The mixers’ outputs are brought off-chip for optional filtering
before final amplification. Inserting a channel selection filter
before each baseband amplifier increases the baseband amplifiers’
signal handling range by reducing the amplitude of high level,
out-of-channel interferers before the baseband signal is fed into
the I/Q baseband amplifiers. The single-ended mixer output is
amplified and converted to a differential signal for driving ADCs.


Similar Part No. - AD8348

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348 AD-AD8348 Datasheet
778Kb / 13P
50-1000 MHz Quadrature Demodulator
AD8348 AD-AD8348 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8348 AD-AD8348 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8348-EVAL AD-AD8348-EVAL Datasheet
778Kb / 13P
50-1000 MHz Quadrature Demodulator
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results

Similar Description - AD8348

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348 AD-AD8348 Datasheet
778Kb / 13P
50-1000 MHz Quadrature Demodulator
logo
TEMIC Semiconductors
U2794B TEMIC-U2794B Datasheet
258Kb / 11P
1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B Datasheet
290Kb / 15P
1000 MHZ QUADRATURE DEMODULATOR
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
1000 MHz Quadrature Demodulator
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
50 MHz to 2 GHz Quadrature Demodulator
REV. 0
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
1000-MHz Quadrature Demodulator
logo
Analog Devices
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com