Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8348
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 3 Page - Analog Devices

  AD8348 Datasheet HTML 1Page - Analog Devices AD8348 Datasheet HTML 2Page - Analog Devices AD8348 Datasheet HTML 3Page - Analog Devices AD8348 Datasheet HTML 4Page - Analog Devices AD8348 Datasheet HTML 5Page - Analog Devices AD8348 Datasheet HTML 6Page - Analog Devices AD8348 Datasheet HTML 7Page - Analog Devices AD8348 Datasheet HTML 8Page - Analog Devices AD8348 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8348
Rev. A | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25oC, FLO = 380 MHz, FIF = 381 MHz, PLO = −10 dBm, RS (LO) = 50 Ω, RS (IFIP and MXIP/MXIN) = 200 Ω, unless
otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO Frequency Range
External input = 2 × LO frequency
100
2000
MHz
IF Frequency Range
50
1000
MHz
Baseband Bandwidth
75
MHz
LO Input Level
50 Ω source
−12
−10
0
dBm
VSUPPLY (VS)
2.7
5.5
V
Temperature Range
−40
+85
°C
IF FRONT END WITH VGA
IFIP to IMXO (QMXO),
ENVG = 5 V, IMXO/QMXO load = 1.5 kΩ
Input Impedance
Measured differentially across MXIP/MXIN
200||1.1
Ω||pF
Gain Control Range
44
dB
Maximum Conversion Voltage Gain
VGIN = 0.2 V (maximum voltage gain)
25.5
dB
Minimum Conversion Voltage Gain
VGIN = 1.2 V (minimum voltage gain)
−18.5
dB
3 dB Bandwidth
500
MHz
Gain Control Linearity
VGIN = 0.4 V (+21 dB) to 1.1 V (−14 dB)
±0.5
dB
IF Gain Flatness
FIF = 380 MHz ± 5% (VGIN = 1.2 V)
0.1
dB p-p
FIF = 900 MHz ± 5% (VGIN = 1.2 V)
1.3
dB p-p
Input 1 dB Compression Point (P1dB)
VGIN = 0.2 V (maximum gain)
−22
dBm
VGIN = 1.2 V (maximum gain)
+13
dBm
Second-Order Input Intercept (IIP2)
IF1 = 385 MHz, IF2 = 386 MHz
+3 dBm each tone from 200 Ω source,
65
dBm
VGIN = 1.2 V (minimum gain)
−42 dBm each tone from 200 Ω source,
18
dBm
VGIN = 0.2 V (maximum gain)
Third-Order Input Intercept (IIP3)
IF1 = 381 MHz, IF2 = 381.02 MHz
Each tone 10 dB below P1dB from
200 Ω source,
28
dBm
VGIN = 1.2 V (minimum gain)
Each tone 10 dB below P1dB from
200 Ω source,
−8
dBm
VGIN = 0.2 V (maximum gain)
LO Leakage
Measured at IFIP, IFIN
−80
dBm
Measured at IMXO/QMXO (LO = 50 MHz)
−60
dBm
Demodulation Bandwidth
Small signal 3 dB bandwidth
75
MHz
Quadrature Phase Error1
LO = 380 MHz (LOIP/LOIN 760 MHz)
−0.7
±0.1
+0.7
Degrees
vs. temperature
−0.0032
°/°C
vs. baseband frequency (dc to 30 MHz)
+0.01
°/MHz
I/Q Amplitude Imbalance1
−0.3
±0.05
+0.3
dB
vs. temperature
0
dB/°C
vs. baseband frequency (dc to 30 MHz)
±0.0125
dB
Noise Figure (Double Sideband)
Maximum gain, from 200 Ω source,
FIF = 380 MHz
10.75
dB
Mixer Output Impedance
40
Ω
Capacitive Load
Shunt from IMXO, QMXO to VCMO
0
10
pF
Resistive Load
Shunt from IMXO, QMXO to VCMO
200
1.5
kΩ
Mixer Peak Output Current
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com