Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8348
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8348 Datasheet HTML 12Page - Analog Devices AD8348 Datasheet HTML 13Page - Analog Devices AD8348 Datasheet HTML 14Page - Analog Devices AD8348 Datasheet HTML 15Page - Analog Devices AD8348 Datasheet HTML 16Page - Analog Devices AD8348 Datasheet HTML 17Page - Analog Devices AD8348 Datasheet HTML 18Page - Analog Devices AD8348 Datasheet HTML 19Page - Analog Devices AD8348 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8348
Rev. A | Page 16 of 28
VGA/DEMODULATOR AND BASEBAND AMPLIFIER
IF FREQUENCY (MHz)
100
–1.5
0
0.5
1.0
1.5
–2.0
–1.0
–0.5
2.0
200
300
400
500
600
700
800
900
1000
2.7V, 0.2V, –40°C
2.7V, 0.2V, +25°C
5V, 0.2V, –40°C
2.7V, 0.2V, +85°C
5V, 0.2V, +25°C
5V, 0.2V, +85°C
Figure 37. Quadrature Phase Error vs. FIF, VGIN = 0.7 V, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C
BASEBAND FREQUENCY (MHz)
–1.5
0
0.5
1.0
1.5
–2.0
–1.0
–0.5
2.0
5
0
10
15
2025
3035
40
5V, 0.7V, +85°C
2.7V, 0.7V, +85°C
2.7V, 0.7V, –40°C
5V, 0.7V, –40°C
2.7V, 0.7V, +25°C
5V, 0.7V, +25°C
Figure 38. Quadrature Phase Error vs. FBB, VGIN = 0.7 V, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C, FIF = 380 MHz
BASEBAND FREQUENCY (MHz)
–0.4
–0.2
0
0.2
0.4
5
0
10
15
2025
3035
40
5V, 0.7V, 25°C
Figure 39. I/Q Amplitude Imbalance vs. FBB, Temperature = 25°C, VPOS = 5 V
IF FREQUENCY (MHz)
–1.5
0
0.5
1.0
1.5
–2.0
–1.0
–0.5
2.0
200
100
300
400
500
600
700
800
900
1000
Figure 40. I/Q Amplitude Imbalance vs. FIF, Temperature = 25°C, VPOS = 5 V
IF FREQUENCY (MHz)
50
150
250
100
160
140
120
220
200
180
300
280
260
240
0.2
0.8
0.6
0.4
1.4
1.2
1.0
2.2
2.0
1.8
1.6
350
450
550
650
750
850
950
SHUNT CAPACITANCE
SHUNT RESISTANCE
Figure 41. Input Impedance of IF Input vs. FIF, VGIN = 0.7 V, VPOS = 5 V
0
180
30
330
60
90
270
300
120
240
150
210
IMPEDANCE CIRCLE
IFIP WITH L PAD
IFIP WITHOUT L PAD
Figure 42. S11 of IF Input vs. FIF, FIF = 50 MHz to 1 GHz, VGIN = 0.7 V,
VPOS = 5 V (with L Pad, with No Pad, Normalized to 50 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com