Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8348
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8348 Datasheet HTML 8Page - Analog Devices AD8348 Datasheet HTML 9Page - Analog Devices AD8348 Datasheet HTML 10Page - Analog Devices AD8348 Datasheet HTML 11Page - Analog Devices AD8348 Datasheet HTML 12Page - Analog Devices AD8348 Datasheet HTML 13Page - Analog Devices AD8348 Datasheet HTML 14Page - Analog Devices AD8348 Datasheet HTML 15Page - Analog Devices AD8348 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8348
Rev. A | Page 12 of 28
BASEBAND FREQUENCY (MHz)
10
0
17
18
19
20
21
22
23
25
26
24
27
20
30
40
50
60
70
80
90
100
2.7V, 0.2V, –40°C
5V, 0.2V, –40°C
2.7V, 0.2V, +25°C
5V, 0.2V, +25°C
2.7V, 0.2V, +85°C
5V, 0.2V, +85°C
Figure 18. Gain vs. FBB, VGIN = 0.2 V, FIF = 380 MHz, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C
BASEBAND FREQUENCY (MHz)
10
0
–26
–23
–20
–17
20
30
40
50
60
70
80
90
100
2.7V, 1.2V, –40°C
5V, 1.2V, –40°C
2.7V, 1.2V, +25°C
5V, 1.2V, +25°C
2.7V, 1.2V, +85°C
5V, 1.2V, +85°C
Figure 19. Gain vs. FBB, VGIN = 1.2 V, FIF = 380 MHz, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C
VGIN (V)
0.3
0.2
–25
–10
–15
–20
5
0
–5
15
10
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–40°C, 2.7V, 380MHz
+25°C, 5V, 380MHz
+25°C, 2.7V, 380MHz
–40°C, 5V, 380MHz
+85°C, 5V, 380MHz
+85°C, 2.7V, 380MHz
Figure 20. Input 1 dB Compression Point (IP1dB) vs. VGIN, FIF = 380 MHz,
FBB = 1 MHz, VPOS = 2.7 V, 5 V, Temperature = −40°C, +25°C, +85°C
VGIN (V)
0.3
0.2
–20
–5
–10
–15
10
5
0
20
15
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–40°C, 5V, 900MHz
+85°C, 5V, 900MHz
+25°C, 2.7V, 900MHz
–40°C, 2.7V, 900MHz
+85°C, 2.7V, 900MHz
+25°C, 5V, 900MHz
Figure 21. Input 1 dB Compression Point (IP1dB) vs. VGIN, FIF = 900 MHz,
FBB = 1 MHz, VPOS = 2.7 V, 5 V, Temperature = −40°C, +25°C, +85°C
IF FREQUENCY (MHz)
200
100
24
26
25
28
27
30
29
300
400
500
600
700
800
900
1000
5V, 1.2V, –40°C
2.7V, 1.2V, –40°C
2.7V, 1.2V, +25°C
5V, 1.2V, +25°C
2.7V, 1.2V, +85°C
5V, 1.2V, +85°C
Figure 22. IIP3 vs. FIF, VGIN = 1.2 V, FBB = 1 MHz, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C, Tone Spacing = 20 kHz
IF FREQUENCY (MHz)
100
200
–15
–10
–5
0
300
400
500
600
700
800
900
1000
2.7V, 0.2V, –40°C
2.7V, 0.2V, +25°C
2.7V, 0.2V, +85°C
5V, 0.2V, +25°C
5V, 0.2V, +85°C
5V, 0.2V, –40°C
Figure 23. IIP3 vs. FIF, VGIN = 0.2 V, FBB = 1 MHz, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com