Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675IPHPR Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC5675IPHPR
Description  14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675IPHPR Datasheet(HTML) 5 Page - Texas Instruments

  DAC5675IPHPR Datasheet HTML 1Page - Texas Instruments DAC5675IPHPR Datasheet HTML 2Page - Texas Instruments DAC5675IPHPR Datasheet HTML 3Page - Texas Instruments DAC5675IPHPR Datasheet HTML 4Page - Texas Instruments DAC5675IPHPR Datasheet HTML 5Page - Texas Instruments DAC5675IPHPR Datasheet HTML 6Page - Texas Instruments DAC5675IPHPR Datasheet HTML 7Page - Texas Instruments DAC5675IPHPR Datasheet HTML 8Page - Texas Instruments DAC5675IPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
5
www.ti.com
detailed description
Figure 1 shows a simplified block diagram of the current steering DAC5675. The DAC5675 consists of a
segmented array of non-transistor current sources, capable of delivering a full-scale output current up to 20 mA.
Differential current switches direct the current of each current source to either one of the complementary output
nodes IOUT1 or IOUT2. The complementary current output thus enables differential operation, canceling out
common mode noise sources (digital feed-through, on-chip and PCB noise), dc offsets, even order distortion
components, thereby doubling signal output power.
The full-scale output current is set using an external resistor (RBIAS) in combination with an on-chip bandgap
voltage reference source (1.2 V) and control amplifier. The current (IBIAS) through resistor RBIAS is mirrored
internally to provide a full-scale output current equal to 16 times IBIAS. The full-scale current is adjustable from
20 mA down to 2 mA by using the appropriate bias resistor value.
EXTIO
Current
Source
Array
BIASJ
−
+
Control Amp
SLEEP
Output
Current
Switches
DAC
Latch
+
Drivers
LVDS
Input
Interface
Input
Latches
D[13:0]B
14
14
Decoder
Bandgap
Reference
1.2 V
CLK
CLKC
+
−
IBIAS
IOUT1
IOUT2
AVDD(4x)
AGND(4x)
DLL
DLLOFF
DAC5675
D[13:0]A
DVDD(2x)
DGND(2x)
50
Ω
100
Ω
3.3 V
(AVDD)
50
Ω
3.3 V
(AVDD)
RLOAD
50
Ω
Output
1:1
3.3 V
(AVDD)
RT
200
Ω
1:4
Clock
Input
RBIAS
1 k
Ω
1 k
Ω
0.1
µF
CEXT
0.1
µF
3.3 V
3.3 V
Figure 1. Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com