Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675IPHPR Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC5675IPHPR
Description  14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675IPHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5675IPHPR Datasheet HTML 6Page - Texas Instruments DAC5675IPHPR Datasheet HTML 7Page - Texas Instruments DAC5675IPHPR Datasheet HTML 8Page - Texas Instruments DAC5675IPHPR Datasheet HTML 9Page - Texas Instruments DAC5675IPHPR Datasheet HTML 10Page - Texas Instruments DAC5675IPHPR Datasheet HTML 11Page - Texas Instruments DAC5675IPHPR Datasheet HTML 12Page - Texas Instruments DAC5675IPHPR Datasheet HTML 13Page - Texas Instruments DAC5675IPHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
10
www.ti.com
detailed description (continued)
supply inputs
The DAC5675 comprises separate analog and digital supplies, i.e., AVDD and DVDD respectively. These supply
inputs can be set independently from 3.6 V down to 3.15 V.
DAC transfer function
The DAC5675 delivers complementary output currents IOUT1 and IOUT2. The DAC supports straight binary
coding, with D13 being the MSB and D0 the LSB (For ease of notation we denote D13..D10 as the logical bit
equivalent of the complementary LVDS inputs D[13..0]A and D[13..0]B). Output current IOUT1 equals the
approximate full-scale output current when all input bits are set high, i.e., the binary input word has the decimal
representation 16383. Full-scale output current flows through terminal IOUT2 when all input bits are set low
(mode 0, straight binary input). The relation between IOUT1 and IOUT2 can thus be expressed as:
IOUT1 = IO(FS) – IOUT2
where IO(FS) is the full-scale output current. The output currents can be expressed as:
IOUT1
+
I
O(FS)
CODE
16384
IOUT2
+
I
O(FS)
(16383–CODE)
16384
where CODE is the decimal representation of the DAC data input word. Output currents IOUT1 and IOUT2 drive
a load RL. RL is the combined impedance for the termination resistance and/or transformer load resistance,
RLOAD (see Figures 11 and 12). This would translate into single-ended voltages VOUT1 and VOUT2 at terminal
IOUT1 and IOUT2, respectively, of:
VOUT1
+ IOUT1
R
L +
CODE
I
O(FS)
R
L
16384
VOUT2
+ IOUT2
R
L +
(16383
* CODE)
I
O(FS)
R
L
16384
The differential output voltage VOUT(DIFF) can thus be expressed as:
VOUT
(DIFF) +
VOUT1
* VOUT2 +
(2CODE
* 16383)
I
O(FS)
R
L
16384
The latter equation shows that applying the differential output results in doubling of the signal power delivered
to the load. Since the output currents IOUT1 and IOUT2 are complementary, they become additive when
processed differentially. Note that care should be taken not to exceed the compliance voltages at node IOUT1
and IOUT2, which leads to increased signal distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com