Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675IPHPR Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC5675IPHPR
Description  14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675IPHPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5675IPHPR Datasheet HTML 7Page - Texas Instruments DAC5675IPHPR Datasheet HTML 8Page - Texas Instruments DAC5675IPHPR Datasheet HTML 9Page - Texas Instruments DAC5675IPHPR Datasheet HTML 10Page - Texas Instruments DAC5675IPHPR Datasheet HTML 11Page - Texas Instruments DAC5675IPHPR Datasheet HTML 12Page - Texas Instruments DAC5675IPHPR Datasheet HTML 13Page - Texas Instruments DAC5675IPHPR Datasheet HTML 14Page - Texas Instruments DAC5675IPHPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
11
www.ti.com
detailed description (continued)
reference operation
The DAC5675 comprises a bandgap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS. The bias current IBIAS through resistor
RBIAS is defined by the on-chip bandgap reference voltage and control amplifier. The full-scale output current
equals 16 times this bias current. The full-scale output current IO(FS) is thus expressed as:
I
O(FS) +
16
I
BIAS +
16
V
EXTIO
R
BIAS
where VEXTIO is the voltage at terminal EXTIO. The bandgap reference voltage delivers an accurate voltage
of 1.2 V. This reference can be override by applying a external voltage to terminal EXTIO. The bandgap
reference can additionally be used for external reference operation. In that case, an external buffer with high
impedance input should be applied in order to limit the bandgap load current to a maximum of 100 nA. The
capacitor CEXT may be omitted. Terminal EXTIO serves as either a input or output node. The full-scale output
current is adjustable from 20 mA down to 2 mA by varying resistor RBIAS.
analog current outputs
Figure 10 shows a simplified schematic of the current source array output with corresponding switches.
Differential non switches direct the current of each individual PMOS current source to either the positive output
node IOUT1 or its complementary negative output node IOUT2. The output impedance is determined by the
stack of the current sources and differential switches, and is >300 k
Ω in parallel with an output capacitance of
5 pF.
The external output resistors are referred to the positive supply AVDD.
Current Source Array
IOUT2
3.3 V
(AVDD)
RLOAD
S(1)
S(1)C
S(2)
S(2)C
S(N)
S(N)C
AGND
DAC5675
IOUT1
RLOAD
Figure 10. Equivalent Analog Current Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com