Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HT Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-HT Datasheet HTML 1Page - IC-Haus GmbH IC-HT Datasheet HTML 2Page - IC-Haus GmbH IC-HT Datasheet HTML 3Page - IC-Haus GmbH IC-HT Datasheet HTML 4Page - IC-Haus GmbH IC-HT Datasheet HTML 5Page - IC-Haus GmbH IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 5/42
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply permissible operating conditions; functional operation is not guaranteed. Exceeding these ratings may damage
the device.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VB
Voltage at VB
-0.3
8
V
G002 I(VB)
Current in VB
-20
50
mA
G003 VDD
Voltage at VDD
-0.3
5.5
V
G004 I(VDD)
Current in VDD
-20
1
mA
G005 V()
Voltage at CI1, CI2, EC1, EC2, MDA1,
MDA2, EMC, SCLK/SCL, MISO/SDA,
MOSI/A0, NCS/A1, DCO, INS/WKR,
NCHK
-0.3
5.5
V
G006 I()
Current in CI1, CI2, EC1, EC2, MDA1,
MDA2, EMC, SCLK/SCL, MISO/SDA,
MOSI/A0, NCS/A1, DCO, INS/WKR,
NCHK, NSTBY, CIL1, CIL2, MRL1,
MRL2
-20
20
mA
G007 I(LDK)
Current in LDK1, LDK2
DC current
-20
900
mA
G008 V()
Voltage at LDK1, LDK2, NSTBY
-0.3
8
V
G009 V()
Voltage at AGND1, AGND2
-0.3
1
V
G010 I(AGND)
Current in AGND1, AGND2
DC current
-900
1
mA
G011 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G012 Tj
Operating Junction Temperature
-40
125
°C
G013 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VB = 2.8 . . . 8 V (referenced to GND)
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
85
°C
T02
Rthja
Thermal Resistance Chip/Ambient
Mounted on PCB
25
K/W
T03
RthjTP
Thermal Resistance Chip/Thermal Pad
4
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com