Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HT Datasheet(PDF) 15 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 15 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 11Page - IC-Haus GmbH IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 15/42
Imon(min) =
Vref (0x 000,max )
Rmda(RMDx =0xFF ,min)
= 0.11
350000
= 0.31 uA
It is not recommended to configure iC-HT to have such
small Imon values, otherwise the leakage current at
MDAx may have an influence (cf. Electrical Charac-
teristics No. 204), especially at high temperatures. To
avoid this, Imon should be much greater than the leak-
age current.
For
calculating
the
maximum
value
of
Imon,
Vref(0x3FF, min value) (cf. Electrical Characteristics
No. 303) and Rmda(RMDx = 0x00, max vaule) (cf.
Electrical Characteristics No. 201) are used. Since
only the 4 MSB from PLR can be accessed at pin
MDAx, the following formula needs to be used for cal-
culating Rmda(RMDx = 0x00, max value):
Rmd = Rmd0(1 +
∆
Rmd (%)
100
)n+1, n from 0 to 255
Rmda(RMDx = 0x 00, max ) = Rmd0(1 +
∆
Rmd (%)
100
)16
286 = Rmd0(1 +
3.3
100 )
16
Rmd0 = 170Ω
Therefore:
Imon(max ) =
Vref (0x 3FF ,min)
Rmd0
= 1.00
170
= 5.88 mA
Any other Imon value can be calculated using Rmd for-
mula above. Due to its logarithmic characteristic, the
steps between two consecutive values is kept within
3.3 % typical value.
The programmable overcurrent shutdown can be set
to protect the laser by disabling the channel.
The
overcurrent threshold is configurable in two different
ranges.
The range is selected through register bit
RACCx. If RACCx = 1, the overcurrent threshold is
in the low range, up to 90 mA. If RACCx = 0, the over-
current threshold is in the high range, up to 750 mA (cf.
Electrical Characteristics No. 107 ).
RACC1
Addr. 0x1A; bit 0
R/W 0
0
Current range high for channel 1
1
Current range low for channel 1
Table 16: RACC1 current range configuration channel
1
RACC2
Addr. 0x1A; bit 4
R/W 0
0
Current range high for channel 2
1
Current range low for channel 2
Table 17: RACC2 current range configuration channel
2
In each range, the particular overcurrent threshold
value can be set in register ILIMx.
ILIM1
Addr. 0x11; bit 7:0
R/W 0xFF
0x00
Channel 1 overcurrent threshold set to minimum
current
. . .
Channel 1 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 0 to 255
0xFF
Channel 1 overcurrent threshold set to maximum
current
Table 18: Overcurrent threshold configuration channel
1
ILIM2
Addr. 0x16; bit 7:0
R/W 0xFF
0x00
Channel 2 overcurrent threshold set to minimum
current
. . .
Channel 2 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 0 to 255
0xFF
Channel 2 overcurrent threshold set to maximum
current
Table 19: Overcurrent threshold configuration channel
2
An overcurrent event can be simulated using SOVCx.
If SOVCx = 1, the corresponding overcurrent error bit
OVCx will be set to 1, the error will be signaled at
NCHK and the corresponding laser channel will be dis-
abled. The overcurrent error will remain forced until
SOVCx = 0.
SOVC1
Addr. 0x1D; bit 5
R/W 0
0
No Overcurrent event at channel 1 is simulated.
1
Overcurrent event at channel 1 simulated.
Table 20: Simulate overcurrent channel 1
SOVC2
Addr. 0x1D; bit 6
R/W 0
0
No overcurrent event at channel 2 is simulated.
1
Overcurrent event at channel 2 simulated.
Table 21: Simulate overcurrent channel 2
ACC control mode
In this mode, the laser diode current is controlled and
no monitor diode is required. ACC mode is selected
setting EACCx register bit to 1.
EACC1
Addr. 0x10; bit 0
R/W 0
0
APC mode enabled for channel 1
1
ACC mode enabled for channel 1
Table 22: APC/ACC in channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com