Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HT Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH IC-HT Datasheet HTML 10Page - IC-Haus GmbH IC-HT Datasheet HTML 11Page - IC-Haus GmbH IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 10/42
OPERATING AND STANDBY MODES
iC-HT has two operating modes: iC-WK mode
iC-HT operates as an Automatic Power Control (APC)
laser controller, similar to iC-Haus iC-WK/L, iC-WKM
and iC-WKN. iC-WK mode is set by pin configuration
and external resistor. Pin EMC is set to lo and pin
INS/WKR selects the reference voltage. Floating pins
EMC and INS/WKR are detected as faulty configura-
tion and signaled at NCHK.
MCU mode
In micocontroller unit (MCU) mode, iC-HT features two
control modes: automatic power control (APC) and au-
tomatic current control (ACC). Pin EMC is set to hi and
pin INS/WKR selects the serial communication inter-
face protocol. Selection of the communication proto-
col is achieved through pin INS/WKR: INS/WKR = hi
for I²C, INS/WKR = lo for SPI. Floating pins EMC and
INS/WKR are detected as faulty configuration and sig-
naled at NCHK.
Standby Mode
iC-HT in standby mode has a very low current con-
sumption (< 10 µA) and does retain its configuration.
Standby mode will not reset the internal RAM.
In order to exit standby mode, pin NSTBY must be set
to hi (e.g. VB). VDD is switched off in standby mode
and can not be used to exit standby mode.
VB, NSTBY and LDKx withstand voltages up to 8 V,
whereas the remaining input pins operate up to 5.5 V
and do have high impedance at standby mode.
Information on timing after waking up from standby
mode can be found on page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com