Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HT Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-HT Datasheet HTML 1Page - IC-Haus GmbH IC-HT Datasheet HTML 2Page - IC-Haus GmbH IC-HT Datasheet HTML 3Page - IC-Haus GmbH IC-HT Datasheet HTML 4Page - IC-Haus GmbH IC-HT Datasheet HTML 5Page - IC-Haus GmbH IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 1/42
FEATURES
o Dual channel CW operation with up to 750 mA per channel
o Up to 1500 mA with both channels combined
o 2.8 V to 8 V power supply
o Operation with or without µController
o Individual enable input per channel
o Control loop accuracy better than 1%
o Internal programmable logarithmic monitor resistor
o Operating point setup with 10 bit logarithmic resolution
o ACC or APC mode individually configurable for each channel
o A/D converters for analog monitoring
o Serial programming interface (SPI or I²C compliant)
o Configuration content verification and validation
o Laser channel disable with programmable overcurrent
threshold
o Optimized for N-type laser diodes
o Low drop linear regulator for 3.3 V
o Low current standby mode
o Temperature monitor
o Temperature range -40 . . . 85 °C
APPLICATIONS
o Laser diode modules
o CW laser diode drivers
o Embedded laser diode
controllers
o Safety related laser controllers
PACKAGES
QFN28 5 mm x 5 mm
BLOCK DIAGRAM
0x19
REF2(7:0)
0x17
RMD2(7:0)
INTEGRITY
OVT
0x04
ADC1(7:0)
0x10
0x1F
0x30
0x3F
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
..10 nF..
REF1(9:8)
RMD1(7:0)
0x02
1μF
255
0
RM1
0x03
ADC1(9:8)
..10 nF..
0x10
10 Bit
D
8 Bit
A
IO DRIVERS
A
PLR1
D
REGISTERS
SPI/I2C
TEMP(7:0)
0x11
ILIM1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
LASER CHANNEL 1
D
OVC
MEMERR
10 Bit
APC
ACC
SLAVE
RAM
ILIM2(7:0)
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
RAM
PODO
RM2
MONITOR 8 Bit
A
8 Bit
0x18
REF2(9:8)
R
REF1(7:0)
0x12
1μF
ADCC1(2:0)
DUAL CW LASER DIODE DRIVER
0x14
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
0x13
N
+
-
CI2
CVB
CVDD
+
-
..750mA
N
CI1
..750mA
EMC
T.PAD
GND
VDD
VB
REF
ADSNF1
EACC1
OVC1
DISP1
EMC
MDA1
MISO/SDA
SCLK/SCL
LDK1
CIL1
AGND1
2.8...8V
VB
LDK2
CI2
AGND2
MDA2
CIL2
MRL2
MRL1
CI1
CI
ECIE1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MOSI/A0
NCS/A1
EC2
VDD
VB
LDK1
CVB
CVDD
CI2
N
..750mA
N
CI1
..750mA
Copyright © 2013 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-HT

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
DUAL CW P-TYPE LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
More results

Similar Description - IC-HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
M-TYPE CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
DUAL CW P-TYPE LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com