Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532 Datasheet(PDF) 53 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 53 Page - TDK Electronics

Back Button C4532 Datasheet HTML 49Page - TDK Electronics C4532 Datasheet HTML 50Page - TDK Electronics C4532 Datasheet HTML 51Page - TDK Electronics C4532 Datasheet HTML 52Page - TDK Electronics C4532 Datasheet HTML 53Page - TDK Electronics C4532 Datasheet HTML 54Page - TDK Electronics C4532 Datasheet HTML 55Page - TDK Electronics C4532 Datasheet HTML 56Page - TDK Electronics C4532 Datasheet HTML 57Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 55
Capacitance
Range Chart
C3225 [EIA CC1210]
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC)
Rated Voltage: 50V (1H)
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (±22%), X5R (±15%), X6S (±22%), Y5V (+22/-82%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J), 4V (0G)
Standard Thickness
1.25 mm
2.00 mm
2.50 mm
1.60 mm
2.30 mm
1.30 mm
1.15 mm
• Standard capacitance and thickness is shown. Please refer to Capacitance Range Table for additional capacitance values and thicknesses.
Capacitance
(pF)
Cap
Code
Tolerance
Y5V
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
4,700,000
475
Z: +80/-20%
10,000,000
106
22,000,000
226
47,000,000
476
100,000,000
107
Capacitance
(pF)
Cap
Code
Tolerance
X7R
X7S
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
1H
(50V)
470,000
474
K: ± 10%
M: ± 20%
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
6,800,000
685
10,000,000
106
15,000,000
156
22,000,000
226
Capacitance
(pF)
Cap
Code
Tolerance
X5R
X6S
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
0J
(6.3V)
0G
(4V)
4,700,000
475
K: ± 10%
M: ± 20%
10,000,000
106
15,000,000
156
22,000,000
226
33,000,000
336
47,000,000
476
68,000,000
686
100,000,000
107
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1H
(50V)
22,000
223
J: ± 5%
33,000
333
47,000
473
68,000
683
100,000
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com