Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532 Datasheet(PDF) 64 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 64 Page - TDK Electronics

Back Button C4532 Datasheet HTML 60Page - TDK Electronics C4532 Datasheet HTML 61Page - TDK Electronics C4532 Datasheet HTML 62Page - TDK Electronics C4532 Datasheet HTML 63Page - TDK Electronics C4532 Datasheet HTML 64Page - TDK Electronics C4532 Datasheet HTML 65Page - TDK Electronics C4532 Datasheet HTML 66Page - TDK Electronics C4532 Datasheet HTML 67Page - TDK Electronics C4532 Datasheet HTML 68Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 66
General
Specifications
C Series – General Application
No.
Item
Performance
Test or Inspection Method
11
Solderability
New solder to cover over 75% of
termination.
25% may have pinholes or rough spots
but not concentrated in one spot.
Ceramic surface of A sections shall not
be exposed due to melting or shifting of
termination material.
Completely soak both terminations in
solder at 235±5ºC for 2±0.5s.
Solder: H63A (JIS Z 3282)
Flux: Isopropyl alcohol (JIS K 8839)
Rosin (JIS K 5902) 25% solid solution.
12
Resistance to solder heat
Completely soak both terminations in solder at
260±5ºC for 5±1s.
Preheating condition
Temp.: 150±10ºC
Time: 1 to 2min.
Flux: Isopropyl alcohol (JIS K 8839)
Rosin (JIS K 5902) 25% solid solution.
Solder: H63A (JIS Z 3282)
Leave the capacitor in ambient conditions for 6 to 24h
(Class 1) or 24±2h (Class 2) before measurement.
External
appearance
No cracks are allowed and terminations
shall be covered at least 60% with new
solder.
Capacitance
Q (Class 1)
C : Rated capacitance (pF)
D.F. (Class 2)
Meet the initial spec.
Insulation
Resistance
Meet the initial spec.
Voltage
Proof
No insulation breakdown or other
damage.
A section
Characteristics Change from the
value before test
Class 1 C0G
Capacitance drift within
±
2.5% or ±0.25pF,
whichever larger.
Class 2 X5R
X7R
Y5V
±
7.5 %
±
7.5 %
±
20 %
Rated Capacitance
Q
C ≥ 30pF
1,000 min.
C < 30pF
400+20×C min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com