Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532 Datasheet(PDF) 17 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 17 Page - TDK Electronics

Back Button C4532 Datasheet HTML 13Page - TDK Electronics C4532 Datasheet HTML 14Page - TDK Electronics C4532 Datasheet HTML 15Page - TDK Electronics C4532 Datasheet HTML 16Page - TDK Electronics C4532 Datasheet HTML 17Page - TDK Electronics C4532 Datasheet HTML 18Page - TDK Electronics C4532 Datasheet HTML 19Page - TDK Electronics C4532 Datasheet HTML 20Page - TDK Electronics C4532 Datasheet HTML 21Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 19
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0603X7R0J103K
X7R
6.3V
10,000
± 10%
0.30 ± 0.03
C0603X7R0J103M
X7R
6.3V
10,000
± 20%
0.30 ± 0.03
C0603X6S0G104K
X6S
4V
100,000
± 10%
0.30 ± 0.03
C0603X6S0G104M
X6S
4V
100,000
± 20%
0.30 ± 0.03
C0603X5R1H101K
X5R
50V
100
± 10%
0.30 ± 0.03
C0603X5R1H101M
X5R
50V
100
± 20%
0.30 ± 0.03
C0603X5R1H151K
X5R
50V
150
± 10%
0.30 ± 0.03
C0603X5R1H151M
X5R
50V
150
± 20%
0.30 ± 0.03
C0603X5R1H221K
X5R
50V
220
± 10%
0.30 ± 0.03
C0603X5R1H221M
X5R
50V
220
± 20%
0.30 ± 0.03
C0603X5R1H331K
X5R
50V
330
± 10%
0.30 ± 0.03
C0603X5R1H331M
X5R
50V
330
± 20%
0.30 ± 0.03
C0603X5R1H471K
X5R
50V
470
± 10%
0.30 ± 0.03
C0603X5R1H471M
X5R
50V
470
± 20%
0.30 ± 0.03
C0603X5R1E101K
X5R
25V
100
± 10%
0.30 ± 0.03
C0603X5R1E101M
X5R
25V
100
± 20%
0.30 ± 0.03
C0603X5R1E151K
X5R
25V
150
± 10%
0.30 ± 0.03
C0603X5R1E151M
X5R
25V
150
± 20%
0.30 ± 0.03
C0603X5R1E221K
X5R
25V
220
± 10%
0.30 ± 0.03
C0603X5R1E221M
X5R
25V
220
± 20%
0.30 ± 0.03
C0603X5R1E331K
X5R
25V
330
± 10%
0.30 ± 0.03
C0603X5R1E331M
X5R
25V
330
± 20%
0.30 ± 0.03
C0603X5R1E471K
X5R
25V
470
± 10%
0.30 ± 0.03
C0603X5R1E471M
X5R
25V
470
± 20%
0.30 ± 0.03
C0603X5R1E681K
X5R
25V
680
± 10%
0.30 ± 0.03
C0603X5R1E681M
X5R
25V
680
± 20%
0.30 ± 0.03
C0603X5R1E102K
X5R
25V
1,000
± 10%
0.30 ± 0.03
C0603X5R1E102M
X5R
25V
1,000
± 20%
0.30 ± 0.03
C0603X5R1E152K
X5R
25V
1,500
± 10%
0.30 ± 0.03
C0603X5R1E152M
X5R
25V
1,500
± 20%
0.30 ± 0.03
C0603X5R1E222K
X5R
25V
2,200
± 10%
0.30 ± 0.03
C0603X5R1E222M
X5R
25V
2,200
± 20%
0.30 ± 0.03
C0603X5R1E332K
X5R
25V
3,300
± 10%
0.30 ± 0.03
C0603X5R1E332M
X5R
25V
3,300
± 20%
0.30 ± 0.03
C0603X5R1C222K
X5R
16V
2,200
± 10%
0.30 ± 0.03
C0603X5R1C222M
X5R
16V
2,200
± 20%
0.30 ± 0.03
C0603X5R1C332K
X5R
16V
3,300
± 10%
0.30 ± 0.03
C0603X5R1C332M
X5R
16V
3,300
± 20%
0.30 ± 0.03
C0603X5R1C472K
X5R
16V
4,700
± 10%
0.30 ± 0.03
C0603X5R1C472M
X5R
16V
4,700
± 20%
0.30 ± 0.03
C0603X5R1C104K
X5R
16V
100,000
± 10%
0.30 ± 0.03
C0603X5R1C154K
X5R
16V
150,000
± 10%
0.30 ± 0.03
C0603X5R1C224K
X5R
16V
220,000
± 10%
0.30 ± 0.03
C0603X5R1C224M
X5R
16V
220,000
± 20%
0.30 ± 0.03
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%), X6S(-55 to 105ºC, ±22%), X5R (-55 to +85ºC, ±15%)
Capacitance
Range Table
C0603 [EIA CC0201]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com