Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532 Datasheet(PDF) 67 Page - TDK Electronics

Part # C4532
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532 Datasheet(HTML) 67 Page - TDK Electronics

Back Button C4532 Datasheet HTML 63Page - TDK Electronics C4532 Datasheet HTML 64Page - TDK Electronics C4532 Datasheet HTML 65Page - TDK Electronics C4532 Datasheet HTML 66Page - TDK Electronics C4532 Datasheet HTML 67Page - TDK Electronics C4532 Datasheet HTML 68Page - TDK Electronics C4532 Datasheet HTML 69Page - TDK Electronics C4532 Datasheet HTML 70Page - TDK Electronics C4532 Datasheet HTML 71Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 69
General
Specifications
C Series – General Application
No.
Item
Performance
Test or Inspection Method
16
Moisture Resistance
Reflow solder the capacitor on P.C. board (shown in
Appendix 1a or Appendix 1b) before testing.
Apply the rated voltage at temperature 40±2ºC and 90
to 95%RH for 500 +24,0h.
Charge/discharge current shall not exceed 50mA.
Leave the capacitor in ambient conditions for 6 to 24h
(Class 1) or 24±2h (Class 2) before measurement.
Voltage conditioning (only for Class 2):
Voltage treat the capacitor under testing temperature
and voltage for 1 hour.
Leave the capacitor in ambient conditions for 24±2h
before measurement.
Use this measurement for initial value.
External
appearance
No mechanical damage.
Capacitance
* Inside ( ) is applied to Y5V 6.3V
product.
Q
(Class 1)
C : Rated capacitance (pF)
D.F.
(Class 2)
Characteristics
X5R: 200% of initial spec. max.
X7R: 200% of initial spec. max
Y5V: 150% of initial spec. max
Insulation
Resistance
500MΩor 25MΩ•μF min., whichever
smaller.
(As for the capacitors of rated voltage
16, 10 and 6.3V DC, 500 MΩ or
5MΩ•μF min.,)
Characteristics
Change from the
value before test
Class 1
C0G
±
7.5% or ±0.75pF,
whichever larger.
Class 2
X5R
X7R
Y5V
±
25 %
±
25 %
±
30 % *(± 40 %)
Rated
Capacitance
Q
C ≥ 30pF
200 min.
C < 30pF
100+10/3×C min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com