Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7932 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 37Page - Analog Devices ADE7932 Datasheet HTML 38Page - Analog Devices ADE7932 Datasheet HTML 39Page - Analog Devices ADE7932 Datasheet HTML 40Page - Analog Devices ADE7932 Datasheet HTML 41Page - Analog Devices ADE7932 Datasheet HTML 42Page - Analog Devices ADE7932 Datasheet HTML 43Page - Analog Devices ADE7932 Datasheet HTML 44Page - Analog Devices ADE7932 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 41 of 120
DIGITAL SIGNAL PROCESSOR
The ADE7978 contains a fixed function digital signal processor
(DSP) that computes all powers and rms values. The DSP con-
tains program memory ROM and data memory RAM.
Program memory ROM stores the program used for the power
and rms computations; the processor executes the program every
8 kHz. The end of the computations is signaled by setting Bit 17
(DREADY) to 1 in the STATUS0 register (Address 0xE502). An
interrupt attached to this flag can be enabled by setting Bit 17
(DREADY) in the MASK0 register (Address 0xE50A).
When the interrupt is enabled, the IRQ0 pin is set low and the
DREADY status bit is set to 1 at the end of the computations.
The status bit is cleared and the IRQ0 pin returns high when
a 1 is written to Bit 17 (DREADY) in the STATUS0 register.
In addition, when Bits[1:0] (ZX_DREADY) in the CONFIG
register (Address 0xE618) are set to 00, the DREADY functionality
is selected at the ZX/DREADY pin. In this case, the ZX/DREADY
pin goes low approximately 70 ns after the DREADY bit is set to
1 in the STATUS0 register. The ZX/DREADY pin stays low for
10 µs and then returns high.
The low to high transition of the ZX/DREADY pin can be used
to initiate a burst read of the waveform sample registers. For more
information, see the I2C Burst Read Operation and the SPI Burst
Read Operation sections. For information about using the ZX
functionality at the ZX/DREADY pin (ZX_DREADY bits in the
CONFIG register are set to 01, 10, or 11), see the Zero-Crossing
Detection section.
The registers used as inputs by the DSP are located in the data
memory RAM at addresses from 0x4380 to 0x43BF. The width
of this memory is 28 bits. Within the DSP core, the DSP contains
a two-stage pipeline. This means that when a single register must
be initialized, two more writes are required to ensure that the
value is written into RAM, and if two or more registers must be
initialized, the last register must be written two more times to
ensure that the values are written into RAM.
At power-up or after a hardware or software reset, the DSP is in
idle mode. No instruction is executed. All registers located in
the data memory RAM are initialized to 0, their default values,
and they can be read or written without any restriction. The run
register (Address 0xE228), which is used to start and stop the
DSP, is cleared to 0x0000.
The run register must be written with 0x0001 for the DSP to start
code execution. Before writing 0x0001 to the run register, it is
recommended that all ADE7978 registers located in the data
memory RAM be initialized to their desired values. Next, write
the last register in the queue two additional times to flush the
pipeline, and then write 0x0001 to the run register. In this way,
the DSP starts the computations from a desired configuration.
To protect the integrity of the data stored in the data memory RAM
of the DSP (addresses from 0x4380 to 0x43BF), a write protection
mechanism is available. By default, the protection is disabled and
registers located from Address 0x4380 to Address 0x43BF can be
written without restriction. When the protection is enabled, no
writes to these registers are allowed. Registers can always be read
without restriction, independent of the write protection state.
To enable the protection, write 0xAD to the internal 8-bit register
located at Address 0xE7FE, followed by a write of 0x80 to the
internal 8-bit register located at Address 0xE7E3.
It is recommended that the write protection be enabled after the
registers are initialized. If any data memory RAM-based register
must be changed, disable the protection, change the value, and
then reenable the protection. There is no need to stop the DSP
to change these registers.
To disable the protection, write 0xAD to the internal 8-bit
register located at Address 0xE7FE, followed by a write of 0x00
to the internal 8-bit register located at Address 0xE7E3.
The recommended procedure for initializing the registers
located in the data memory RAM at power-up is described in
the Initializing the Chipset section.
In the unlikely event that one or more registers are not initialized
correctly, disable the protection by writing 0xAD to the internal
8-bit register located at Address 0xE7FE, followed by a write of
0x00 to the internal 8-bit register located at Address 0xE7E3.
Reinitialize the registers, writing the last register in the queue three
times. Enable the write protection by writing 0xAD to the internal
8-bit register located at Address 0xE7FE, followed by a write of
0x80 to the internal 8-bit register located at Address 0xE7E3.
There is no obvious reason to stop the DSP. All ADE7978
registers, including the registers located in the data memory RAM,
can be modified without stopping the DSP. However, to stop the
DSP, 0x0000 must be written to the run register. To restart the DSP,
one of the following procedures must be followed:
If the ADE7978 registers located in the data memory RAM
have not been modified, write 0x0001 to the run register to
start the DSP.
If the ADE7978 registers located in the data memory RAM
must be modified, execute a software or a hardware reset,
initialize all ADE7978 registers at the desired values, enable
the write protection, and then write 0x0001 into the run
register to start the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com