Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7932 Datasheet(PDF) 80 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 76Page - Analog Devices ADE7932 Datasheet HTML 77Page - Analog Devices ADE7932 Datasheet HTML 78Page - Analog Devices ADE7932 Datasheet HTML 79Page - Analog Devices ADE7932 Datasheet HTML 80Page - Analog Devices ADE7932 Datasheet HTML 81Page - Analog Devices ADE7932 Datasheet HTML 82Page - Analog Devices ADE7932 Datasheet HTML 83Page - Analog Devices ADE7932 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 80 of 120
4. If I2C communication is used, lock the port by writing a 1 to
Bit 0 (I2C_LOCK) of the CONFIG2 register (Address 0xEA00).
If SPI communication is used, lock the port by writing any
value to the CONFIG2 register. After the serial port is locked
to I2C or SPI, the communication protocol can be changed
only after a power-down or hardware reset operation.
5. Initialize the AIGAIN, BIGAIN, CIGAIN, and NIGAIN reg-
isters (Address 0x4380, Address 0x4383, Address 0x4386,
and Address 0x4389, respectively).
6. Start the DSP by writing 0x0001 to the run register
(Address 0xE228). For more information, see the Digital
Signal Processor section.
7. Initialize the DSP RAM-based registers located at
Address 0x4380 to Address 0x43BF. Write the last register
in the queue three times.
8. Initialize the hardware-based configuration registers
located at Address 0xE507 to Address 0xEA04 with the
exception of the CFMODE register (see Step 11).
9. Enable the DSP RAM write protection by writing 0xAD to the
internal 8-bit register located at Address 0xE7FE. Then write
0x80 to the internal 8-bit register located at Address 0xE7E3.
For more information, see the Digital Signal Processor section.
10. Read the energy registers xWATTHR, xVARHR,
xFWATTHR, xFVARHR, and xVAHR to erase their contents
and start energy accumulation from a known state.
11. Clear Bit 9 (CF1DIS), Bit 10 (CF2DIS), and Bit 11 (CF3DIS)
in the CFMODE register (Address 0xE610) to enable pulses
at the CF1, CF2, and CF3 pins.
12. Read back all ADE7978 registers to ensure that they are
initialized with the desired values.
HARDWARE RESET
When the RESET pin of the ADE7978 is set low, the ADE7978
enters the hardware reset state (see Figure 100). In the hardware
reset state, the following events take place:
The CLKOUT pin of the ADE7978 stops generating the
clock and is set high. The SYNC, RESET_EN, VT_A,
VT_B, VT_C, and VT_N pins are set high.
The dc-to-dc converter of the ADE7933/ADE7932 stops
working because the clock signal at the ADE7933/
ADE7932 XTAL1 pin is high.
The Σ-Δ modulators on the isolated side of the ADE7933/
ADE7932 are not powered and stop working.
During a hardware reset, the ADE7978 generates signals to reset
the ADE7933/ADE7932 devices. When the ADE7978 RESET pin
is toggled high again after at least 10 µs, the ADE7978 RESET_EN
pin goes low, and the VT_A, VT_B, VT_C, and VT_N pins
toggle eight times from high to low at a frequency of 4.096 MHz
(CLKIN/4). These actions reset the ADE7933/ADE7932 devices.
When the RESET_EN pin is taken high, the ADE7978 starts
generating 4.096 MHz (CLKIN/4) at the CLKOUT pin. This
signal clocks the ADE7933/ADE7932 devices and they become
operational.
The ADE7978 signals the end of a reset by pulling the IRQ1
interrupt pin low and by setting Bit 15 (RSTDONE) in the
STATUS1 register (Address 0xE503) to 1. This bit is set to 0
during the reset and is set to 1 when the reset ends. Write a 1 to
the RSTDONE status bit to clear the bit. The IRQ1 pin returns
high, and the ADE7978 and ADE7933/ADE7932 devices are
operational.
Because the I2C port is the default serial port of the ADE7978, it
becomes active after a reset. If SPI is the port used by the external
microprocessor, the procedure to enable SPI must be repeated
immediately after the RESET pin is toggled back to high (for
more information, see the Serial Interface Selection section).
After a hardware reset, all registers in the ADE7978 are reset
to their default values, and the DSP is in idle mode. Reinitialize
all ADE7978 registers, enable the DSP RAM write protection,
and start the DSP, as described in the Initializing the Chipset
section (Step 5 to Step 12). For more information about data
memory RAM protection and the run register, see the Digital
Signal Processor section.
ADE7978 RESET PIN
ADE7978 ENTERS RESET
ADE7978 CLKOUT, SYNC, RESET_EN, VT_A,
VT_B, VT_C, VT_N PINS SET HIGH
ADE7933/ADE7932s DC-TO-DC CONVERTERS,
Σ-Δ MODULATORS STOP WORKING
ADE7978 RESET_EN PIN SET LOW
ADE7978 VT_A, VT_B, VT_C, VT_N PINS
TOGGLE HIGH TO LOW 8 TIMES AT 4.096MHz
ADE7933/ADE7932s ARE RESET
ADE7978 RESET_EN PIN SET HIGH
ADE7978 GENERATES 4.096MHz CLOCK AT CLKOUT PIN
AT LEAST 10µs
•RSTDONE INTERRUPT TRIGGERED
•ADE7978, ADE7933/ADE7932s READY
ADE7933/ADE7932s START
WORKING
50ms
10ms
Figure 100. ADE7978/ADE7933/ADE7932 Chipset During Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com