Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7932 Datasheet(PDF) 63 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 59Page - Analog Devices ADE7932 Datasheet HTML 60Page - Analog Devices ADE7932 Datasheet HTML 61Page - Analog Devices ADE7932 Datasheet HTML 62Page - Analog Devices ADE7932 Datasheet HTML 63Page - Analog Devices ADE7932 Datasheet HTML 64Page - Analog Devices ADE7932 Datasheet HTML 65Page - Analog Devices ADE7932 Datasheet HTML 66Page - Analog Devices ADE7932 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 63 of 120
APPARENT ENERGY CALCULATION
Apparent energy is defined as the integral of apparent power.
Apparent Energy =
dt
s(t)
(44)
The ADE7978 achieves the integration of the apparent power
signal in two stages (see Figure 81). The first stage accumulates
the instantaneous apparent power at 1.024 MHz (the DSP
computes these values at an 8 kHz rate). Each time a threshold
is reached, a pulse is generated, and the threshold is subtracted
from the internal register. The second stage consists of accumu-
lating the pulses generated at the first stage into internal 32-bit
accumulation registers. The contents of these registers are trans-
ferred to the VA-hour registers, xVAHR, when these registers
are accessed. Figure 81 illustrates this process.
The threshold is formed by concatenating the 8-bit unsigned
VATHR register (Address 0xEA04) to 27 bits equal to 0. The
VATHR register is configured by the user. Its value depends on
how much energy is assigned to one LSB of the VA-hour registers.
For example, if a derivative of the apparent energy, VAh (10n VAh,
where n is an integer) is desired as one LSB of the xVAHR
register, VATHR is calculated using the following equation:
27
2
10
3600
×
×
×
×
×
=
FS
FS
n
s
I
V
f
PMAX
VATHR
(45)
where:
PMAX = 26,991,271 = 0x19BDAA7, the instantaneous power
computed when the ADC inputs are at full scale.
fS = 1.024 MHz, the frequency at which every instantaneous
power computed by the DSP at 8 kHz is accumulated.
VFS and IFS are the rms values of the phase voltages and currents
when the ADC inputs are at full scale.
The VATHR register is an 8-bit unsigned number, so its maxi-
mum value is 28 − 1. Its default value is 0x3. Avoid using values
lower than 3, that is, 2 or 1; never use the value 0 because the
threshold must be a non-zero value.
This discrete time accumulation or summation is equivalent
to integration in continuous time, as shown in Equation 46.
Apparent Energy =


×
=
=
0
0
Lim
n
T
T
s(nT)
s(t)dt
(46)
where:
n is the discrete time sample number.
T is the sample period.
In the ADE7978, the phase apparent powers are accumulated
in the 32-bit signed registers AVAHR, BVAHR, and CVAHR
(Address 0xE40C to Address 0xE40E). The apparent energy
register contents can roll over to full-scale negative (0x80000000)
and continue to increase in value when the apparent power is
positive.
The ADE7978 provides a status flag to indicate that one of the
xVAHR registers is half full. Bit 4 (VAEHF) in the STATUS0
register (Address 0xE502) is set when Bit 30 of one of the xVAHR
registers changes, signifying that one of these registers is half full.
Because the apparent power is always positive and the xVAHR
registers are signed, the VA-hour registers become half full when
they increment from 0x3FFFFFFF to 0x40000000.
Setting Bit 4 (VAEHF) in the MASK0 register enables the VAEHF
interrupt. When enabled, the IRQ0 pin goes low and the status bit
is set to 1 when one of the apparent energy registers (xVAHR)
becomes half full. The status bit is cleared and the IRQ0 pin is
returned high by writing a 1 to Bit 4 (VAEHF) in the STATUS0
register.
Setting Bit 6 (RSTREAD) in the LCYCMODE register
(Address 0xE702) enables a read with reset for all xVAHR accu-
mulation registers, that is, the registers are reset to 0 after a read
operation.
INTERNAL
ACCUMULATOR
THRESHOLD
DIGITAL SIGNAL
PROCESSOR
APGAIN
24
AVA
:
VATHR
34
27 26
0
0
32-BIT REGISTER
AVAHR[31:0]
AIRMS
AVRMS
Figure 81. Apparent Power Data Flow and Apparent Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com