Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7932 Datasheet(PDF) 91 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 87Page - Analog Devices ADE7932 Datasheet HTML 88Page - Analog Devices ADE7932 Datasheet HTML 89Page - Analog Devices ADE7932 Datasheet HTML 90Page - Analog Devices ADE7932 Datasheet HTML 91Page - Analog Devices ADE7932 Datasheet HTML 92Page - Analog Devices ADE7932 Datasheet HTML 93Page - Analog Devices ADE7932 Datasheet HTML 94Page - Analog Devices ADE7932 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 91 of 120
SERIAL INTERFACES
The ADE7978 has three serial port interfaces: one fully licensed
I2C interface, one serial peripheral interface (SPI), and one high
speed data capture (HSDC) port. The SPI pins are multiplexed
with pins for the I2C and HSDC ports; therefore, the ADE7978
accepts two configurations: one using the SPI port only and one
using the I2C port in conjunction with the HSDC port.
SERIAL INTERFACE SELECTION
After a reset of the ADE7978, the HSDC port is always disabled.
After power-up or after a hardware reset, select the I2C or SPI
port by manipulating the SS/HSA pin (Pin 16).
If the SS/HSA pin is pulled high, the ADE7978 uses the I2C
port until another hardware reset is executed.
If the SS/HSA pin is toggled high to low three times, the
ADE7978 uses the SPI port until another hardware reset is
executed.
The manipulation of the SS/HSA pin can be accomplished in
two ways.
Use the SS pin of the master device (that is, the micro-
controller) as a regular I/O pin and toggle it three times.
Execute three SPI write operations to a location in the
address space that is not allocated to a specific ADE7978
register (for example, Address 0xEBFF, where writes to 8-bit
registers can be executed). These writes cause the SS/HSA
pin to toggle three times. For more information about the
write protocol involved, see the SPI Write Operation section.
After the serial port selection is completed, the selection must
be locked. In this way, the active port remains enabled until a
hardware reset or a power-down operation is performed. If the
active serial port is I2C, Bit 0 (I2C_LOCK) of the CONFIG2
register (Address 0xEA00) must be set to 1 to lock it in. After
the write to this bit is done, the ADE7978 ignores spurious
toggling of the SS/HSA pin, and a switch to the SPI port is no
longer possible. If the active serial port is SPI, any write to the
CONFIG2 register locks the port. After this write, a switch to
the I2C port is no longer possible.
The functionality of the ADE7978 is configurable via several
on-chip registers. The contents of these registers can be updated
or read using the I2C or SPI interface. The HSDC port provides
the state of up to 16 registers that contain the instantaneous
values of phase voltages and neutral currents, as well as active,
reactive, and apparent powers.
COMMUNICATION VERIFICATION
The ADE7978 includes a set of three registers that allow any
communication via I2C or SPI to be verified. The LAST_OP
(Address 0xEA01), LAST_ADD (Address 0xE9FE), and LAST_
RWDATA registers record the nature, address, and data of the
last successful communication, respectively. The LAST_RWDATA
register has three separate addresses depending on the length of
the successful communication (see Table 35).
Table 35. LAST_RWDATA Register Locations
Communication Type
Address
8-Bit Read/Write
0xE7FD
16-Bit Read/Write
0xE9FF
32-Bit Read/Write
0xE5FF
After each successful communication with the ADE7978, the
address of the register that was last accessed is stored in the
16-bit LAST_ADD register (Address 0xE9FE). This read-only
register stores the value until the next successful read or write
operation is completed.
The LAST_OP register (Address 0xEA01) stores the nature of
the operation; that is, it indicates whether a read or a write was
performed. If the last operation was a write, the LAST_OP
register stores the value 0xCA. If the last operation was a read,
the LAST_OP register stores the value 0x35. The LAST_RWDATA
register stores the data that was written to or read from the register.
An unsuccessful read or write operation is not stored in these
registers.
When the LAST_OP, LAST_ADD, and LAST_RWDATA
registers are read, their values remain unchanged.
I2C-COMPATIBLE INTERFACE
The ADE7978 supports a fully licensed I2C interface. The I2C
interface is implemented as a full hardware slave. The maximum
serial clock frequency supported by the I2C interface is 400 kHz.
SDA is the data I/O pin, and SCL is the serial clock. These two
pins are shared with the MOSI and SCLK pins of the on-chip SPI
interface. The SDA and SCL pins are configured in a wire-AND
format that allows arbitration in a multimaster system.
The transfer sequence of an I2C system consists of a master
device initiating a transfer by generating a start condition while
the bus is idle. The master transmits the address of the slave
device and the direction of the data transfer in the initial
address transfer. If the slave acknowledges the master, the data
transfer is initiated. Data transfer continues until the master
issues a stop condition, and the bus becomes idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com