Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2308GD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2308GD
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308GD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2308GD Datasheet HTML 1Page - Monolithic Power Systems MP2308GD Datasheet HTML 2Page - Monolithic Power Systems MP2308GD Datasheet HTML 3Page - Monolithic Power Systems MP2308GD Datasheet HTML 4Page - Monolithic Power Systems MP2308GD Datasheet HTML 5Page - Monolithic Power Systems MP2308GD Datasheet HTML 6Page - Monolithic Power Systems MP2308GD Datasheet HTML 7Page - Monolithic Power Systems MP2308GD Datasheet HTML 8Page - Monolithic Power Systems MP2308GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
3
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
10
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 1V
1
mA
HS Switch-On Resistance
HSRDS-ON
60
mΩ
LS Switch-On Resistance
LSRDS-ON
30
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or
12V
0
10
μA
Current Limit
ILIMIT
Duty=40%
5.6
A
Oscillator Frequency
fSW
RSET=30k
400
500
600
kHz
Maximum Duty Cycle
DMAX
VFB = 700mV
90
95
%
Feedback Voltage
VFB
800
815
830
mV
Feedback Current
IFB
VFB = 800mV
25
50
nA
EN Input Low Voltage
VILEN
0.98
1.12
1.32
V
EN Input High Voltage
VIHEN
1.32
1.50
1.78
V
EN Pin Pull-Up Current
IEN
1.2
2.3
3.5
μA
VIN Under-Voltage Lockout
Threshold Rising
INUVVth
4.0
4.25
4.5
V
VIN Under-Voltage Lockout
Threshold Hysteresis
INUVHYS
870
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
ICC=5mA
1
%
Thermal Shutdown
TSD
150
°C
Soft Start Current
ISS
8
μA
Thermal Shutdown Hysteresis
TSD-HYS
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com