Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2308GD Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2308GD
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308GD Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2308GD Datasheet HTML 6Page - Monolithic Power Systems MP2308GD Datasheet HTML 7Page - Monolithic Power Systems MP2308GD Datasheet HTML 8Page - Monolithic Power Systems MP2308GD Datasheet HTML 9Page - Monolithic Power Systems MP2308GD Datasheet HTML 10Page - Monolithic Power Systems MP2308GD Datasheet HTML 11Page - Monolithic Power Systems MP2308GD Datasheet HTML 12Page - Monolithic Power Systems MP2308GD Datasheet HTML 13Page - Monolithic Power Systems MP2308GD Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
10
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
If the output of the MP2308 is pre-biased to a
certain voltage during startup, the IC will disable
the switching of both high-side and low-side
switches until the voltage on the internal soft-
start capacitor exceeds the sensed output
voltage at the FB pin.
Over-Current-Protection
The MP2308 has a hiccup over current limit
when the inductor current peak value exceeds
the set current limit threshold.
When output voltage drops below 70% of the
reference, and the inductor current exceeds the
current limit at the meantime, MP2308 will
hiccup. This is especially useful to ensure
system safety under fault conditions.
Light Load Mode
The MP2308 can operate in discontinuous
mode (DCM) and Pulse skip mode (PSM) under
light load to improve efficiency. To enable Light
Load Mode, connect AAM pin to VCC pin or to
a voltage divider from VCC. To disable Light
Load Mode, connect AAM pin to ground and the
converter will always operate in CCM.
When the AAM pin connects to VCC, the
inductor peak current in set internally which is
about 240mA for VIN=12V, VOUT=3.3V and
L=4.7μH. Peak inductor current also can be set
by connecting AAM pin to a voltage divider from
VCC with 2 external resistors. By program AAM
voltage, efficiency and output ripple can be
traded off and optimize. Higher AAM gives
higher peak inductor current thus more efficient
but more output ripple. To help select the AAM
voltage, the curve of inductor peak current vs.
low power mode voltage is shown in Page 5,
Typical Performance Characteristics section.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at insufficient supply voltage.
The MP2308’s UVLO comparator monitors the
output voltage of the internal regulator, VCC.
The UVLO rising threshold is 4.25V while its
falling threshold is 3.38V.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from operating at exceedingly high
temperatures. When the silicon die temperature
is higher than 150
C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C4, L1 and C2 (Figure 3). If (VIN-VSW) is
more than 5V, U1 will regulate M1 to maintain a
5V BST voltage across C4.
VIN
VOUT
D1
M1
BST
C4
L1
SW
U1
5V
C2
Figure 3—Internal Bootstrap Charging
Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides stable supply for the remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
The floating driver is not subject to this shutdown
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com