Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2308GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2308GD
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2308GD Datasheet HTML 1Page - Monolithic Power Systems MP2308GD Datasheet HTML 2Page - Monolithic Power Systems MP2308GD Datasheet HTML 3Page - Monolithic Power Systems MP2308GD Datasheet HTML 4Page - Monolithic Power Systems MP2308GD Datasheet HTML 5Page - Monolithic Power Systems MP2308GD Datasheet HTML 6Page - Monolithic Power Systems MP2308GD Datasheet HTML 7Page - Monolithic Power Systems MP2308GD Datasheet HTML 8Page - Monolithic Power Systems MP2308GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP2308
18V, 4A Synchronous
Step-Down Coverter
MP2308 Rev. 1.0
www.MonolithicPower.com
1
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2308 is a synchronous rectified step-
down switch mode converter with built in
internal power MOSFETs. It offers a very
compact solution to achieve 4A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP2308 has synchronous mode operation for
higher efficiency over output current load range.
Current mode operation provides fast transient
response and eases loop stabilization. Full
protection features include OCP and thermal
shut down.
The MP2308 requires a minimum number of
readily available standard external components
and is available in a space saving 2mm x 3mm
14-pin QFN package.
FEATURES
 Wide 4.75V to 18V Operating Input Range
 4A Output Current
 Low Rds(ON) Internal Power MOSFETs
 300kHz-2MHz Programmable Switching
Frequency
 EN ON/OFF Control
 Light Load Mode Selectable
 External Soft Start
 OCP and Thermal Shutdown
 Available in 14-pin QFN2x3 Package
APPLICATIONS
 DSL Modems
 Cable Modems
 Set Top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2308
AAM
FREQ
GND
SS
FB
SW
BST
IN
VIN
U1
3.3V
VOUT
VCC
EN
CSS
22nF
R1
31.6k
R2
10k
Rfreq
18.7k
4.75V to 18V
VCC
EN
FREQ
R5
10
0.001
0.01
0.1
1
10
70
75
80
85
90
95
100


Similar Part No. - MP2308GD

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP230 APEX-MP230 Datasheet
314Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP230 CIRRUS-MP230 Datasheet
455Kb / 7P
Power Operational Amplifier
logo
Monolithic Power System...
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303A MPS-MP2303A Datasheet
441Kb / 15P
3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP2308GD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9151 MPS-MP9151 Datasheet
1Mb / 19P
20V, 4A Synchronous Step-Down Coverter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
21V, 3A 500kHz Synchronous Step-Down Coverter
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com