Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2308GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2308GD
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2308GD Datasheet HTML 7Page - Monolithic Power Systems MP2308GD Datasheet HTML 8Page - Monolithic Power Systems MP2308GD Datasheet HTML 9Page - Monolithic Power Systems MP2308GD Datasheet HTML 10Page - Monolithic Power Systems MP2308GD Datasheet HTML 11Page - Monolithic Power Systems MP2308GD Datasheet HTML 12Page - Monolithic Power Systems MP2308GD Datasheet HTML 13Page - Monolithic Power Systems MP2308GD Datasheet HTML 14Page - Monolithic Power Systems MP2308GD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
11
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation
capacitor
(see
Typical
Application on page 1). Choose R1 to be
around 10kΩ. R2 is then given by:
OUT
R1
R2
V
1
0.8V
The T-type network is highly recommended
when VOUT is low, as Figure 4 shows.
FB
8
RT
R2
R1
VOUT
Figure 4— T-type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt (kΩ)
1.05
3.09(1%)
10(1%)
24.9(1%)
1.2
4.99(1%)
10(1%)
24.9(1%)
1.8
10(1%)
8.06(1%)
24.9(1%)
2.5
10(1%)
4.75(1%)
24.9(1%)
3.3
10(1%)
3.16(1%)
24.9(1%)
5
10(1%)
1.91(1%)
24.9(1%)
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
15mΩ. For most designs, the inductance value
can be derived from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
Where ΔIL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30% of the maximum load
current. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Under light load conditions below 100mA, larger
inductance is recommended for improved
efficiency.
Setting the Switching Frequency
The MP2308 oscillating frequency is set by an
external resistor, Rfreq from the FREQ pin to
ground. The programmable switching frequency
range is from 300kHz to 2MHz. The value of
Rfreq can be calculated from:
freq
s
15000
R(k )
f(kHz)

Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C
To simplify, choose the input capacitor whose
RMS current rating is greater than half of the
maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com